Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC4051 Datasheet(PDF) 11 Page - ON Semiconductor

Part # HC4051
Description  High-Performance Silicon-Gate CMOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HC4051 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button HC4051 Datasheet HTML 7Page - ON Semiconductor HC4051 Datasheet HTML 8Page - ON Semiconductor HC4051 Datasheet HTML 9Page - ON Semiconductor HC4051 Datasheet HTML 10Page - ON Semiconductor HC4051 Datasheet HTML 11Page - ON Semiconductor HC4051 Datasheet HTML 12Page - ON Semiconductor HC4051 Datasheet HTML 13Page - ON Semiconductor HC4051 Datasheet HTML 14Page - ON Semiconductor HC4051 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC54/74HC4051 MC74HC4052 MC54/74HC4053
RL
Figure 12. Crosstalk Between Any Two
Switches, Test Set–Up
Figure 13. Power Dissipation Capacitance,
Test Set–Up
Figure 14a. Total Harmonic Distortion, Test Set–Up
Figure 14b. Plot, Harmonic Distortion
0
-10
-20
-30
-40
-50
-100
1.0
2.0
3.125
FREQUENCY (kHz)
-60
-70
-80
-90
FUNDAMENTAL FREQUENCY
DEVICE
SOURCE
ON
6
7
8
16
VEE
CL*
*Includes all probe and jig capacitance
OFF
RL
RL
VIS
RL
CL*
VOS
fin
0.1µF
ON/OFF
6
7
8
16
VCC
CHANNEL SELECT
NC
COMMON O/I
OFF/ON
ANALOG I/O
VCC
A
11
VCC
VEE
ON
6
7
8
16
VCC
VEE
0.1µF
CL*
fin
RL
TO
DISTORTION
METER
*Includes all probe and jig capacitance
VOS
VIS
APPLICATIONS INFORMATION
The Channel Select and Enable control pins should be at
VCC or GND logic levels. VCC being recognized as a logic
high and GND being recognized as a logic low. In this exam-
ple:
VCC = +5V = logic high
GND = 0V = logic low
The maximum analog voltage swings are determined by
the supply voltages VCC and VEE. The positive peak analog
voltage should not exceed VCC. Similarly, the negative peak
analog voltage should not go below VEE. In this example, the
difference between VCC and VEE is ten volts. Therefore,
using the configuration of Figure 15, a maximum analog sig-
nal of ten volts peak–to–peak can be controlled. Unused
analog inputs/outputs may be left floating (i.e., not con-
nected). However, tying unused analog inputs and outputs to
VCC or GND through a low value resistor helps minimize
crosstalk and feedthrough noise that may be picked up by an
unused switch.
Although used here, balanced supplies are not a require-
ment. The only constraints on the power supplies are that:
VCC – GND = 2 to 6 volts
VEE – GND = 0 to –6 volts
VCC – VEE = 2 to 12 volts
and VEE ≤ GND
When voltage transients above VCC and/or below VEE are
anticipated on the analog channels, external Germanium or
Schottky diodes (Dx) are recommended as shown in Figure
16. These diodes should be able to absorb the maximum
anticipated current surges during clipping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com