Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5724 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP5724
Description  WHITE LED STEP-UP CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5724 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP5724 Datasheet HTML 5Page - Diodes Incorporated AP5724 Datasheet HTML 6Page - Diodes Incorporated AP5724 Datasheet HTML 7Page - Diodes Incorporated AP5724 Datasheet HTML 8Page - Diodes Incorporated AP5724 Datasheet HTML 9Page - Diodes Incorporated AP5724 Datasheet HTML 10Page - Diodes Incorporated AP5724 Datasheet HTML 11Page - Diodes Incorporated AP5724 Datasheet HTML 12Page - Diodes Incorporated AP5724 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AP5724
WHITE LED STEP-UP CONVERTER
AP5724
Document number: DS31843 Rev. 3 - 2
9 of 17
www.diodes.com
July 2010
© Diodes Incorporated
Applications Information
Inductor Selection
A 10
μH~22μH inductor is recommended for most AP5724 applications. For high efficiency the inductor should
have low core losses at 1.2MHz and low DCR (copper wire resistance). The inductor saturation current rating
should also exceed the peak input current, especially for high load current applications (like 3S8P).
Capacitor Selection
The small size of ceramic capacitors are ideal for AP5724 applications. X5R and X7R types are recommended
because they retain their capacitance over wider voltage and temperature ranges than other types such as Y5V
or Z5U. A 1
μF input capacitor and a 1μF output capacitor are sufficient for most AP5724 applications. For high
output current applications like 3S8P, larger output capacitor of 2.2uF ~ 4.7uF is recommended to minimize
output ripple.
Diode Selection
Schottky diodes, with their low forward voltage drop and fast reverse recovery, are the ideal choices for AP5724
applications. The forward voltage drop of a Schottky diode represents the conduction losses in the diode, while
the diode capacitance (CT or CD) represents the switching losses. For diode selection, both forward voltage drop
and diode capacitance need to be considered. Schottky diodes with higher current ratings usually have lower
forward voltage drop and larger diode capacitance, which can cause significant switching losses at the 1.2MHz
switching frequency of the AP5724. Schottky diodes with higher current ratings usually have lower forward
voltage drop and larger diode capacitance. Larger Schottky diode capacitance can cause significant switching
losses at the 1.2MHz switching frequency of the AP5724. A Schottky diode rated at 100mA to 200mA is sufficient
for most AP5724 applications.
LED Current Control
The LED current is controlled by the feedback resistor (RSET in Figure 1). The feedback reference is 0.1V. The
LED current is 0.1V/ RSET. In order to have accurate LED current, precision resistors are preferred (1% is
recommended). The formula and table for RSET selection are shown below.
RSET = 0.1V/ILED (See Table 1)
Table 1. RSET Resistor Value Selection
ILED (mA)
RSET (Ω)
5
20
10
10
15
6.6
20
5
30
3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com