Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5724 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP5724
Description  WHITE LED STEP-UP CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5724 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP5724 Datasheet HTML 1Page - Diodes Incorporated AP5724 Datasheet HTML 2Page - Diodes Incorporated AP5724 Datasheet HTML 3Page - Diodes Incorporated AP5724 Datasheet HTML 4Page - Diodes Incorporated AP5724 Datasheet HTML 5Page - Diodes Incorporated AP5724 Datasheet HTML 6Page - Diodes Incorporated AP5724 Datasheet HTML 7Page - Diodes Incorporated AP5724 Datasheet HTML 8Page - Diodes Incorporated AP5724 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AP5724
WHITE LED STEP-UP CONVERTER
AP5724
Document number: DS31843 Rev. 3 - 2
2 of 17
www.diodes.com
July 2010
© Diodes Incorporated
Pin Descriptions
Pin Name
Description
SW
Switch Pin. Connect inductor/diode here. Minimize trace area at this pin to reduce EMI.
GND
GND pin.
FB
Feedback Pin. Reference voltage is 0.1V. Connect cathode of lowest LED and a sense
resister here. Calculate resistor value according to the formula: RSET = 0.1V / ILED
EN
Converter On/Off Control Input. A high input at EN turns the converter On, and a low input
turns it off. If On/Off control is not needed, connect EN to the input source for automatic
startup. The EN pin cannot be left floating.
OVP
Output Voltage detect pin for over voltage protection.
VIN
Input Supply Pin. Must be locally bypassed with 1
μF or 2.2μF to reduce input noise.
Functional Block Diagram
1.2MHz
Oscillator
RAMP
Generator
Σ
-
+
VREF
0.1V
VIN
3
FB
Rc
Cc
Comparator
A2
CONTROL
LOGIC
A1
1
Driver
SW
Q1
2 GND
4
EN
Enable
6
OTP
5
OVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com