Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 210 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 210 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 206Page - ATMEL Corporation AT90PWM2 Datasheet HTML 207Page - ATMEL Corporation AT90PWM2 Datasheet HTML 208Page - ATMEL Corporation AT90PWM2 Datasheet HTML 209Page - ATMEL Corporation AT90PWM2 Datasheet HTML 210Page - ATMEL Corporation AT90PWM2 Datasheet HTML 211Page - ATMEL Corporation AT90PWM2 Datasheet HTML 212Page - ATMEL Corporation AT90PWM2 Datasheet HTML 213Page - ATMEL Corporation AT90PWM2 Datasheet HTML 214Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 361 page
background image
210
4317J–AVR–08/10
AT90PWM2/3/2B/3B
19. EUSART (Extended USART)
The Extended Universal Synchronous and Asynchronous serial Receiver and Transmitter
(EUSART) provides functionnal extensions to the USART.
19.1
Features
• Independant bit number configuration for transmit and receive
• Supports Serial Frames with 5, 6, 7, 8, 9 or 13, 14, 15, 16, 17 Data Bits and 1 or 2 Stop Bits
• Biphase Manchester encoder/decoder (for DALI Communications)
• Manchester framing error detection
• Bit ordering (MSB first or LSB first)
19.2
Overview
A simplified block diagram of the EUSART Transmitter is shown in Figure 19-1. CPU accessible
I/O Registers and I/O pins are shown in bold.
Figure 19-1. EUSART Block Diagram
The EUSART is activated with the EUSART bit of EUCSRB register. Until this bit is not set, the
USART will behave as standard USART, all the functionnalities of the EUSART are not
accessible.
The EUSART supports more serial frame formats than the standard USART interface:
Table 18-12. Examples of UBRR Settings for Commonly Frequencies (Continued)
Baud
Rate
(bps)
fclk
io = 12.0000 MHz
fclk
io = 14.7456 MHz
fclk
io = 16.0000 MHz
U2X = 0
U2X = 1
U2X = 0
U2X = 1
U2X = 0
U2X = 1
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
2400
312
-0.2%
624
0.0%
383
0.0%
767
0.0%
416
-0.1%
832
0.0%
4800
155
0.2%
312
-0.2%
191
0.0%
383
0.0%
207
0.2%
416
-0.1%
9600
77
0.2%
155
0.2%
95
0.0%
191
0.0%
103
0.2%
207
0.2%
14.4k
51
0.2%
103
0.2%
63
0.0%
127
0.0%
68
0.6%
138
-0.1%
19.2k
38
0.2%
77
0.2%
47
0.0%
95
0.0%
51
0.2%
103
0.2%
28.8k
25
0.2%
51
0.2%
31
0.0%
63
0.0%
34
-0.8%
68
0.6%
38.4k
19
-2.5%
38
0.2%
23
0.0%
47
0.0%
25
0.2%
51
0.2%
57.6k
12
0.2%
25
0.2%
15
0.0%
31
0.0%
16
2.1%
34
-0.8%
76.8k
9
-2.7%
19
-2.5%
11
0.0%
23
0.0%
12
0.2%
25
0.2%
115.2k
6
-8.9%
12
0.2%
7
0.0%
15
0.0%
8
-3.5%
16
2.1%
230.4k
2
11.3%
6
-8.9%
3
0.0%
7
0.0%
3
8.5%
8
-3.5%
250k
2
0.0%
5
0.0%
3
-7.8%
6
5.3%
3
0.0%
7
0.0%
500k
–
–
2
0.0%
1
-7.8%
3
-7.8%
1
0.0%
3
0.0%
1M
–
–
–
–
0
-7.8%
1
-7.8%
0
0.0%
1
0.0%
Max. (1)
750 kbps
1.5 Mbps
921.6 kbps
1.8432 Mbps
1 Mbps
2 Mbps
1.
UBRR = 0, Error = 0.0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com