Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 213 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 213 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 209Page - ATMEL Corporation AT90PWM2 Datasheet HTML 210Page - ATMEL Corporation AT90PWM2 Datasheet HTML 211Page - ATMEL Corporation AT90PWM2 Datasheet HTML 212Page - ATMEL Corporation AT90PWM2 Datasheet HTML 213Page - ATMEL Corporation AT90PWM2 Datasheet HTML 214Page - ATMEL Corporation AT90PWM2 Datasheet HTML 215Page - ATMEL Corporation AT90PWM2 Datasheet HTML 216Page - ATMEL Corporation AT90PWM2 Datasheet HTML 217Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 361 page
background image
213
4317J–AVR–08/10
AT90PWM2/3/2B/3B
19.3.3.1
Manchester frame
The USART supports Manchester encoded frames with the following characteristics:
•
One start bit Manchester encoded (logical ‘1’)
•
5, 6, 7, 8, 9, 13, 14,15,16,17 data bits in transmission or reception (MSB or LSB first)
•
The number of data bit in a frame is independently configurable in reception and
transmission mode.
•
One or Two stop bits (level encoded)
Figure 19-3. Manchester Frame example
19.3.3.2
Manchester decoder
When configured in Manchester mode, the EUSART receiver is able to receive serial frame
using a 17-bit shift register, an edge detector and several data/control registers. The Manchester
decoder receives a frame from the RxD pin of the EUSART interface and loads the received
data in the EUSART data register (UDR and EUDR).
The bit order of the data bits in the frame is configurable to handle MSB or LSB first.
The polarity of the bi-phase start is not configurable. The start bit a logical ‘1’ (rising edge at bit
center).
The polarity of the stop bits is not configurable, the interface allows to read the 2 stops bits value
by software.
The Manchester decoder is enable when the EUSART is configured in Manchester mode and
the RXEN of USCRB set (global USART receive enable).
The number of data bits to be received can be configured with the URxS bits of EUCSRA
register.
The Manchester decoder provides a special mode where 16 or 17 data bits can be received. In
this mode the Manchester decoder can automatically detects if the seventeenth bit is Man-
chester encoded or not (seventeenth data bit or first stop bit). If the receiver detects a valid data
bit (Manchester transition) during the seventeenth bit time of the frame, the receiver will process
the frame as a 17-bit frame lenght and set the F1617 bit of EUCSRC register.
In Manchester mode, the clock used for sampling the EUSART input signal is programmed by
the baudrate generator.
The edge detector of the Manchester decoder is based upon a 16 bits up/down counter which
maximum value can be configured through the MUBRRH and MUBRRL registers.
1
0
0
1
1
1
1
0
1
0
0
1
0
1
0
1
0
Start
Bit
Data Bits
(up to 17 data bit)
Stop
Bits
Encoder Clock
Manchester Data
Binary Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com