Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 223 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 223 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 219Page - ATMEL Corporation AT90PWM2 Datasheet HTML 220Page - ATMEL Corporation AT90PWM2 Datasheet HTML 221Page - ATMEL Corporation AT90PWM2 Datasheet HTML 222Page - ATMEL Corporation AT90PWM2 Datasheet HTML 223Page - ATMEL Corporation AT90PWM2 Datasheet HTML 224Page - ATMEL Corporation AT90PWM2 Datasheet HTML 225Page - ATMEL Corporation AT90PWM2 Datasheet HTML 226Page - ATMEL Corporation AT90PWM2 Datasheet HTML 227Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 361 page
background image
223
4317J–AVR–08/10
AT90PWM2/3/2B/3B
19.6.4
EUSART Control Register B – EUCSRB
• Bit 7:5 –Reserved Bits
These bits are reserved for future use. For compatibilty with future devices, these bits must be
written to zero when EUSCRB is written.
• Bit 4 – EUSART Enable Bit
Set to enable the EUSART mode, clear to operate as standard USART.
• Bit 3– EUSBS Enable Bit
This bit selects the number of stop bits detected by the receiver.
Note:
The number of stop bit inserted by the Transmitter in EUSART mode is configurable throught the
USBS bit of in the of the USART.
• Bit 2–Reserved Bit
This bit is reserved for future use. For compatibilty with future devices, this bit must be written to
zero when EUSCRB is written.
• Bit 1 – Manchester mode
1001
14-bit
1010
15-bit
1011
16-bit
1100
Reserved
1101
Reserved
1110
16 OR 17 bit (for Manchester
encoded only mode)
1111
17-bit
Table 19-2.
URxS Bits Settings
URxS3
URxS2
URxS1
URxS0
Receive Character Size
Bit
76543210
-
-
-
EUSART
EUSBS
-
EMCH
BODR
EUCSRB
Read/Write
R
R
R
R/W
R/W
R
R/W
R/W
Initial Value
00000000
Table 19-3.
EUSBS Bit Settings
EUSBS
Receiver Stop Bit(s)
01-bit
12-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com