Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 227 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 227 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 223Page - ATMEL Corporation AT90PWM2 Datasheet HTML 224Page - ATMEL Corporation AT90PWM2 Datasheet HTML 225Page - ATMEL Corporation AT90PWM2 Datasheet HTML 226Page - ATMEL Corporation AT90PWM2 Datasheet HTML 227Page - ATMEL Corporation AT90PWM2 Datasheet HTML 228Page - ATMEL Corporation AT90PWM2 Datasheet HTML 229Page - ATMEL Corporation AT90PWM2 Datasheet HTML 230Page - ATMEL Corporation AT90PWM2 Datasheet HTML 231Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 361 page
background image
227
4317J–AVR–08/10
AT90PWM2/3/2B/3B
Figure 20-1. Analog Comparator Block Diagram
(1)(2)
Notes:
1. ADC multiplexer output: see Table 21-4 on page 247.
2. Refer to Figure 3-1 on page 3 and for Analog Comparator pin placement.
3. The voltage on Vref is defined in 21-3 “ADC Voltage Reference Selection” on page 246
20.2
Analog Comparator Register Description
Each analog comparator has its own control register.
A dedicated register has been designed to consign the outputs and the flags of the 3 analog
comparators.
20.2.1
Analog Comparator 0 Control Register – AC0CON
• Bit 7– AC0EN: Analog Comparator 0 Enable Bit
Set this bit to enable the analog comparator 0.
Clear this bit to disable the analog comparator 0.
• Bit 6– AC0IE: Analog Comparator 0 Interrupt Enable bit
Set this bit to enable the analog comparator 0 interrupt.
Clear this bit to disable the analog comparator 0 interrupt.
• Bit 5, 4– AC0IS1, AC0IS0: Analog Comparator 0 Interrupt Select bit
+
-
Interrupt Sensitivity Control
Analog Comparator 0 Interrupt
AC0IE
AC0IF
AC0O
AC0IS1
AC0IS0
+
-
Interrupt Sensitivity Control
Analog Comparator 1 Interrupt
AC1IE
T1 Capture Trigger
AC1ICE
AC1IF
AC1O
AC1IS1
AC1IS0
+
-
Interrupt Sensitivity Control
Analog Comparator 2 Interrupt
AC0IE
AC2IF
AC2O
AC2IS1
AC2IS0
ACMP0
ACMP1
ACMP2
AC2EN
/3.20
/2.13
/1.60
/6.40
ACMPM
Vref
DAC
AC0M
2 1 0
DAC
Result
AC1EN
AC0EN
AC1M
2 1 0
AC2M
2 1 0
Internal 2.56V
Reference
REFS0
REFS1
Aref
AVcc
DACEN
CLK I/O
CLK I/O
CLK I/O (/2)
(/2)
(/2)
Bit
7
654
3
2
1
0
AC0EN
AC0IE
AC0IS1
AC0IS0
-
AC0M2
AC0M1
AC0M0
AC0CON
Read/Write
R/W
R/W
R/W
R/W
-
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com