Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 250 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 250 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 246Page - ATMEL Corporation AT90PWM2 Datasheet HTML 247Page - ATMEL Corporation AT90PWM2 Datasheet HTML 248Page - ATMEL Corporation AT90PWM2 Datasheet HTML 249Page - ATMEL Corporation AT90PWM2 Datasheet HTML 250Page - ATMEL Corporation AT90PWM2 Datasheet HTML 251Page - ATMEL Corporation AT90PWM2 Datasheet HTML 252Page - ATMEL Corporation AT90PWM2 Datasheet HTML 253Page - ATMEL Corporation AT90PWM2 Datasheet HTML 254Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 361 page
background image
250
4317J–AVR–08/10
AT90PWM2/3/2B/3B
21.8.4
ADC Result Data Registers – ADCH and ADCL
When an ADC conversion is complete, the conversion results are stored in these two result data
registers.
When the ADCL register is read, the two ADC result data registers can’t be updated until the
ADCH register has also been read.
Consequently, in 10-bit configuration, the ADCL register must be read first before the ADCH.
Nevertheless, to work easily with only 8-bit precision, there is the possibility to left adjust the
result thanks to the ADLAR bit in the ADCSRA register. Like this, it is sufficient to only read
ADCH to have the conversion result.
21.8.4.1
ADLAR = 0
21.8.4.2
ADLAR = 1
21.8.5
Digital Input Disable Register 0 – DIDR0
• Bit 7:0 – ADC7D..ADC0D: ACMP2:1 and ADC7:0 Digital Input Disable
1
0
1
0
PSC2ASY Event(1)
10
11Reserved
11
00Reserved
11
01Reserved
11
10Reserved
11
11Reserved
1.
For trigger on any PSC event, if the PSC uses the PLL clock, the core must use PLL/4 clock
source.
Table 21-7.
ADC Auto Trigger Source Selection for amplified conversions
ADTS3
ADTS2
ADTS1
ADTS0
Description
Bit
7
654
3
2
1
0
-
-
-
-
-
-
ADC9
ADC8
ADCH
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADC1
ADC0
ADCL
Read/Write
R
R
R
R
RR
RR
R
R
R
R
RR
RR
Initial Value
0
0
0
0
0
0
0
0
0
000
0
0
0
0
Bit
7
654
3
2
1
0
ADC9
ADC8
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADCH
ADC1
ADC0
-
-
-
-
-
-
ADCL
Read/Write
R
R
R
R
RR
RR
R
R
R
R
RR
RR
Initial Value
0
0
0
0
0
0
0
0
0
000
0
0
0
0
Bit
76543210
ADC7D
ADC6D
ADC5D
ADC4D
ADC3D
ACMPM
ADC2D
ACMP2D
ADC1D
ADC0D
DIDR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com