Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 252 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 252 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 248Page - ATMEL Corporation AT90PWM2 Datasheet HTML 249Page - ATMEL Corporation AT90PWM2 Datasheet HTML 250Page - ATMEL Corporation AT90PWM2 Datasheet HTML 251Page - ATMEL Corporation AT90PWM2 Datasheet HTML 252Page - ATMEL Corporation AT90PWM2 Datasheet HTML 253Page - ATMEL Corporation AT90PWM2 Datasheet HTML 254Page - ATMEL Corporation AT90PWM2 Datasheet HTML 255Page - ATMEL Corporation AT90PWM2 Datasheet HTML 256Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 361 page
background image
252
4317J–AVR–08/10
AT90PWM2/3/2B/3B
Until the conversion is not achieved, it is not possible to start a conversion on another channel.
In order to have a better understanding of the functioning of the amplifier synchronization, a tim-
ing diagram example is shown Figure 21-15 for AT90PWM2/3.
Figure 21-15. Amplifier synchronization timing diagram for AT90PWM2/3.
It is also possible to auto trigger conversion on the amplified channel. In this case, the conver-
sion is started at the next amplifier clock event following the last auto trigger event selected
thanks to the ADTS bits in the ADCSRB register. In auto trigger conversion, the free running
mode is not possible unless the ADSC bit in ADCSRA is set by soft after each conversion.
Only PSC sources can auto trigger the amplified conversion. In this case, the core must have a
clock synchronous with the PSC. If the PSC uses the PLL clock, the core must use the PLL/4
clock source.
AT90PWM2B/3B:
On PWM2B/3B, the amplifier has been improved in order to speed-up the conversion time.The
proposed improvement takes advantage of the amplifier characteristics to ensure a conversion
in less time.
In order to have a better understanding of the functioning of the amplifier synchronization, a tim-
ing diagram example is shown Figure for AT90PWM2B/3B.
Valid sample
Delta V
4th stable sample
Signal to be
measured
AMPLI_clk
(Sync Clock)
CK ADC
Amplifier Sample
Enable
Amplifier Hold
Value
PSCn_ASY
PSC
Block
Amplifier
Block
ADASCR
ADSC
ADC
ADC Result Ready
ADC
Sampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com