Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 259 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 259 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 255Page - ATMEL Corporation AT90PWM2 Datasheet HTML 256Page - ATMEL Corporation AT90PWM2 Datasheet HTML 257Page - ATMEL Corporation AT90PWM2 Datasheet HTML 258Page - ATMEL Corporation AT90PWM2 Datasheet HTML 259Page - ATMEL Corporation AT90PWM2 Datasheet HTML 260Page - ATMEL Corporation AT90PWM2 Datasheet HTML 261Page - ATMEL Corporation AT90PWM2 Datasheet HTML 262Page - ATMEL Corporation AT90PWM2 Datasheet HTML 263Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 361 page
background image
259
4317J–AVR–08/10
AT90PWM2/3/2B/3B
Figure 22-1. Digital to Analog Converter Block Schematic
22.2
Operation
The Digital to Analog Converter generates an analog signal proportional to the value of the DAC
registers value.
In order to have an accurate sampling frequency control, there is the possibility to update the
DAC input values through different trigger events.
22.3
Starting a Conversion
The DAC is configured thanks to the DACON register. As soon as the DAEN bit in DACON reg-
ister is set, the DAC converts the value present on the DACH and DACL registers in accordance
with the register DACON setting.
Alternatively, a conversion can be triggered automatically by various sources. Auto Triggering is
enabled by setting the DAC Auto Trigger Enable bit, DAATE in DACON. The trigger source is
selected by setting the DAC Trigger Select bits, DATS in DACON (See description of the DATS
bits for a list of the trigger sources). When a positive edge occurs on the selected trigger signal,
the DAC converts the value present on the DACH and DACL registers in accordance with the
register DACON setting. This provides a method of starting conversions at fixed intervals. If the
trigger signal is still set when the conversion completes, a new conversion will not be started. If
another positive edge occurs on the trigger signal during conversion, the edge will be ignored.
Note that an interrupt flag will be set even if the specific interrupt is disabled or the Global Inter-
DAC
Output
Driver
DALA
DAOE
DAEN
-
DAATE
DATS2
DATS1
DATS0
10
DACH
DACL
DACON
10
10
10
VRef
D2A pin
DAC
Result
Update DAC
Trigger
DAC Low bits
DAC High bits
Edge
Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com