Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 260 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 260 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 256Page - ATMEL Corporation AT90PWM2 Datasheet HTML 257Page - ATMEL Corporation AT90PWM2 Datasheet HTML 258Page - ATMEL Corporation AT90PWM2 Datasheet HTML 259Page - ATMEL Corporation AT90PWM2 Datasheet HTML 260Page - ATMEL Corporation AT90PWM2 Datasheet HTML 261Page - ATMEL Corporation AT90PWM2 Datasheet HTML 262Page - ATMEL Corporation AT90PWM2 Datasheet HTML 263Page - ATMEL Corporation AT90PWM2 Datasheet HTML 264Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 361 page
background image
260
4317J–AVR–08/10
AT90PWM2/3/2B/3B
rupt Enable bit in SREG is cleared. A conversion can thus be triggered without causing an
interrupt. However, the interrupt flag must be cleared in order to trigger a new conversion at the
next interrupt event.
22.3.1
DAC Voltage Reference
The reference voltage for the ADC (V
REF) indicates the conversion range for the DAC. VREF can
be selected as either AV
CC, internal 2.56V reference, or external AREF pin.
AV
CC is connected to the DAC through a passive switch. The internal 2.56V reference is gener-
ated from the internal bandgap reference (V
BG) through an internal amplifier. In either case, the
external AREF pin is directly connected to the DAC, and the reference voltage can be made
more immune to noise by connecting a capacitor between the AREF pin and ground. V
REF can
also be measured at the AREF pin with a high impedant voltmeter. Note that V
REF is a high
impedant source, and only a capacitive load should be connected in a system.
If the user has a fixed voltage source connected to the AREF pin, the user may not use the other
reference voltage options in the application, as they will be shorted to the external voltage. If no
external voltage is applied to the AREF pin, the user may switch between AV
CC and 2.56V as
reference selection. The first DAC conversion result after switching reference voltage source
may be inaccurate, and the user is advised to discard this result.
22.4
DAC Register Description
The DAC is controlled via three dedicated registers:
•
The DACON register which is used for DAC configuration
•
DACH and DACL which are used to set the value to be converted.
22.4.1
Digital to Analog Conversion Control Register – DACON
• Bit 7 – DAATE: DAC Auto Trigger Enable bit
Set this bit to update the DAC input value on the positive edge of the trigger signal selected with
the DACTS2-0 bit in DACON register.
Clear it to automatically update the DAC input when a value is written on DACH register.
• Bit 6:4 – DATS2, DATS1, DATS0: DAC Trigger Selection bits
These bits are only necessary in case the DAC works in auto trigger mode. It means if DAATE
bit is set.
In accordance with the Table 22-1, these 3 bits select the interrupt event which will generate the
update of the DAC input values. The update will be generated by the rising edge of the selected
interrupt flag whether the interrupt is enabled or not.
Bit
7
654
3
2
1
0
DAATE
DATS2
DATS1
DATS0
-
DALA
DAOE
DAEN
DACON
Read/Write
R/W
R/W
R/W
R/W
-
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 22-1.
DAC Auto Trigger source selection
DATS2
DATS1
DATS0
Description
0
0
0
Analog comparator 0
0
0
1
Analog comparator 1
0
1
0
External Interrupt Request 0
0
1
1
Timer/Counter0 Compare Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com