Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC657 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC657
Description  Backlight Driver for 5 LEDs with SemPulseTM Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC657 Datasheet(HTML) 5 Page - Semtech Corporation

  SC657 Datasheet HTML 1Page - Semtech Corporation SC657 Datasheet HTML 2Page - Semtech Corporation SC657 Datasheet HTML 3Page - Semtech Corporation SC657 Datasheet HTML 4Page - Semtech Corporation SC657 Datasheet HTML 5Page - Semtech Corporation SC657 Datasheet HTML 6Page - Semtech Corporation SC657 Datasheet HTML 7Page - Semtech Corporation SC657 Datasheet HTML 8Page - Semtech Corporation SC657 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
Electrical Characteristics (continued)
SC657
Parameter
Symbol
Conditions
Min
Typ
Max
Units
SemPulse Interface
Input High Threshold
V
IH
V
IN = 5.5V
.6
V
Input Low Threshold
V
IL
V
IN = 2.9V
0.4
V
Input High Current
I
IH
V
IN = 5.5V
-
+
µA
Input Low Current
I
IL
V
IN = 5.5V
-
+
µA
Start up Time(5)
t
SU
Only required when leaving shutdown mode

ms
Bit Pulse Duration(6)
t
HI
0.75
250
µs
Duration Between Pulses(6)
t
LO
0.75
250
µs
Hold Time - Address(6)
t
HOLDA
Software limit — SPIF must be held high for this
amount of time to latch the data
550
5000
µs
Hold Time - Data(6)
t
HOLDD
Software limit — SPIF must be held high for this
amount of time to latch the address
550
µs
Bus Reset Time (6)
t
BR
Software Limit — SPIF must be held high for this
amount of time to force a bus system reset
2
ms
Shutdown Time (7)
t
SD
Software Limit — SPIF must be held low for this
amount of time to disable device
0
ms
Notes:
() Capacitors are MLCC of X5R type. Production tested with higher value capacitors than the application requires
(2) SPIF is high for more than 0ms to place serial bus in standby mode
(3) Current matching is defined as ± [I
BL(MAX) - IBL(MIN] / [IBL(MAX) + IBL(MIN)].
(4) Test voltage is V
OUT = 4.2V — a relatively extreme LED voltage — to force a transition during test. Typically VF = 3.2V for white LEDs.
(5) The SemPulse start-up time is the minimum time that the SPIF pin must be held high to enable the part before starting communication.
(6) The source driver used to provide the SemPulse Output must meet these limits.
(7) The SemPulse shutdown time is the minimum time that the SPIF pin must be pulled low to shut the part down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com