Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC657 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC657
Description  Backlight Driver for 5 LEDs with SemPulseTM Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC657 Datasheet(HTML) 3 Page - Semtech Corporation

  SC657 Datasheet HTML 1Page - Semtech Corporation SC657 Datasheet HTML 2Page - Semtech Corporation SC657 Datasheet HTML 3Page - Semtech Corporation SC657 Datasheet HTML 4Page - Semtech Corporation SC657 Datasheet HTML 5Page - Semtech Corporation SC657 Datasheet HTML 6Page - Semtech Corporation SC657 Datasheet HTML 7Page - Semtech Corporation SC657 Datasheet HTML 8Page - Semtech Corporation SC657 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
() Tested according to JEDEC standard JESD22-A4
(2) ∆V
F(max) = .0V when VIN = 2.9V, higher VIN supports higher ∆VF(max)
(3) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB per JESD5 standards.
Absolute Maximum Ratings
IN, OUT (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
C+, C2+ (V) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V
OUT + 0.3)
Pin Voltage — All Other Pins (V) . . . . . . . . -0.3 to (V
IN + 0.3)
OUT Short Circuit Duration . . . . . . . . . . . . . . . . Continuous
ESD Protection Level() (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Unless otherwise noted, T
A = +25°C for Typ, -40°C to +85°C for Min and Max, TJ(MAX) = 25°C, VIN = 3.7 V, CIN= C= C2= COUT = 2.2µF (ESR = 0.03Ω)
()
Electrical Characteristics
Recommended Operating Conditions
Ambient Temperature Range (°C). . . . . . . . -40 ≤ T
A ≤ +85
Input Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . 2.9 ≤ V
IN ≤ 5.5
Output Voltage (V) . . . . . . . . . . . . . . . . . . . . . 2.5 ≤ V
OUT ≤ 5.25
Voltage Difference between any two LEDs (V). . ∆V
F < .0
(2)
Thermal Information
Thermal Resistance, Junction to Ambient(3) (°C/W) . . 27
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . .+50
Storage Temperature Range (°C) . . . . . . . . . . . -65 to +50
Peak IR Reflow Temperature (0s to 30s) (°C) . . . . . . +260
SC657
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Shutdown Current
I
Q(OFF)
0.
2
µA
Total Quiescent Current
I
Q
All outputs disabled, SPIF = V
IN
(2)
60
00
µA
Charge pump enabled, x Mode, all LEDs on,
I
BLn = 0.5mA
.6
mA
Charge pump in x mode, 2.9V <V
IN < 4.2V, all LEDs
on, I
BLn = 25mA
4.8
Charge pump in .5x, 2x mode, 2.9V <V
IN < 4.2V, all
LEDs on, I
BLn = 25mA
5.9
Maximum Total Output Current
I
OUT(MAX)
V
IN > 2.9V, sum of all active LED currents,
V
OUT(MAX) = 4.2V
25
mA
Backlight Current Setting
I
BLn
Nominal setting for BL thru BL5
0
25
mA
Backlight Current Matching
I
BL-BL
I
BLn = 2mA
(3)
-3.5
±0.5
+3.5
%
Backlight Current Accuracy
I
BL_ACC
I
BLn = 2mA
-8
±.5
+8
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com