Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC654EVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC654EVB
Description  Light Management Unit for 6 LEDs with SemPulseTM Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC654EVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC654EVB Datasheet HTML 8Page - Semtech Corporation SC654EVB Datasheet HTML 9Page - Semtech Corporation SC654EVB Datasheet HTML 10Page - Semtech Corporation SC654EVB Datasheet HTML 11Page - Semtech Corporation SC654EVB Datasheet HTML 12Page - Semtech Corporation SC654EVB Datasheet HTML 13Page - Semtech Corporation SC654EVB Datasheet HTML 14Page - Semtech Corporation SC654EVB Datasheet HTML 15Page - Semtech Corporation SC654EVB Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
Applications Information (continued)
SC654
ration is being used. Note that it is only necessary to set
the BLEN bits for the main display.
Table 1 — Fade-In from Off State
Command
Sequence
Action
Data
Disable fade
1.
Write to register 04h
00h
Set Main back-
lights to 0.5mA
2.
Write to register 01h
04h
Enable fade
3.
Write to register 04h
01h, 02h, or 03h
(but not 00h)
Set BLEN bits
4.
Write to register 00h
any value 01h
through 3Fh
(but not 00h)
Set new value of
backlight current
5.
Write to register 01h
any value 05h
through 1Fh
Fade-Out from any On State to Off State
Fading the backlight LEDs from any active state to the off
state follows a simple procedure. The sequence of com-
mands for this action is shown in Table 2. Following these
steps explicitly will ensure that the fade-out operation will
proceed with no interruption at the rate specified in the
Main Fade register (04h). This procedure must be followed
regardless of the backlight grouping configuration.
Table 2 — Fade-Out from any On State to Off State
Command
Sequence
Action
Data
Enable fade
1.
Write to register 04h
01h, 02h, or 03h
(but not 00h)
Set Main back-
lights to 0mA
2.
Write to register 01h
00h
Fading Between Different On States
Fading from one backlight level to another (up or down)
also follows a simple procedure. The sequence of com-
mands for this action is shown in Table 3. Following these
steps explicitly will ensure that the fade-in/fade-out oper-
ation will proceed with no interruption at the rate specified
in the Main Fade register (04h). This procedure must be
followed regardless of the back light grouping
configuration.
Table 3 — Fading between Different On States
Command
Sequence
Action
Data
Enable fade
1.
Write to register 04h
01h, 02h, or 03h
(but not 00h)
Set new value of
backlight current
2.
Write to register 01h
Any value 05h
through 1Fh
Additional Information
For more details about the Fade-in/Fade-out function,
refer to the SC654 Backlight Driver Software User’s Guide
and SemPulse Interface Specification document and to the
associated software drivers available for this device
(contact your sales office for more details).
Shutdown Mode
The device is disabled when the SPIF pin is held low for
the shutdown time specified in the electrical characteris-
tics section. All registers are reset to default condition at
shutdown.
Sleep Mode
When all LEDs are disabled, sleep mode is activated. This
is a reduced current mode that helps minimize overall
current consumption by disabling the clock and the
charge pump while continuing to monitor the serial inter-
face for commands. An additional current savings can be
obtained by putting the serial interface in standby mode
(see SemPulse Interface, Standby Mode).
Protection Features
The SC654 provides several protection features to safe-
guard the device from catastrophic failures. These features
include:
Output Open Circuit Protection
Over-Temperature Protection
Charge Pump Output Current Limit
LED Float Detection
Output Open Circuit Protection
Over-Voltage Protection (OVP) at the OUT pin prevents
the charge pump from producing an excessively high
output voltage. In the event of an open circuit between
the OUT pin and all current sinks (no loads connected),
the charge pump runs in open loop and the voltage rises
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com