Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC654EVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC654EVB
Description  Light Management Unit for 6 LEDs with SemPulseTM Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC654EVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC654EVB Datasheet HTML 1Page - Semtech Corporation SC654EVB Datasheet HTML 2Page - Semtech Corporation SC654EVB Datasheet HTML 3Page - Semtech Corporation SC654EVB Datasheet HTML 4Page - Semtech Corporation SC654EVB Datasheet HTML 5Page - Semtech Corporation SC654EVB Datasheet HTML 6Page - Semtech Corporation SC654EVB Datasheet HTML 7Page - Semtech Corporation SC654EVB Datasheet HTML 8Page - Semtech Corporation SC654EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114
(2)
ΔV
F(max)
= 1.0V when V
IN
= 2.9V, higher V
IN
supports higher ΔV
F(max)
(3)
Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB per JESD51 standards.
Absolute Maximum Ratings
IN, OUT (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
C1+, C2+ (V) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to ( V
OUT
+ 0.3)
Pin Voltage — All Other Pins (V) . . . . . . . . -0.3 to ( V
IN
+ 0.3)
OUT Short Circuit Duration . . . . . . . . . . . . . . . . Co ntinuous
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Unless otherwise noted, T
A
= +25°C for Typ, -40°C to +85°C for Min and Max, T
J(MAX)
= 125°C, V
IN
= 3.7 V, C
IN
= C
1
= C
2
= C
OUT
= 2.2μF (ESR = 0.03Ω)(1)
Electrical Characteristics
Recommended Operating Conditions
Ambient Temperature Range (°C). . . . . . . . -40 ≤ T
A
≤ +85
Input Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . 2.9 ≤ V
IN
≤ 5.5
Output Voltage (V) . . . . . . . . . . . . . . . . . . . . . 2.5 ≤ V
OUT
≤ 5.25
Voltage Difference between any two LEDs (V). . ΔV
F
< 1.0(2)
Thermal Information
Thermal Resistance, Junction to Ambient(3) (°C/W) . . 127
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . .+150
Storage Temperature Range (°C) . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . +260
SC654
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Shutdown Current
I
Q(OFF)
0.1
2
μA
Total Quiescent Current
I
Q
All outputs disabled, SPIF = V
IN
(2)
60
100
μA
Charge pump enabled, 1x Mode, all LEDs on,
I
BLn
= 0.5mA
1.8
mA
Charge pump in 1x mode, 2.9V <V
IN
< 4.2V, all LEDs
on, I
BLn
= 25mA
5.4
Charge pump in 1.5x, 2x mode, 2.9V <V
IN
< 4.2V, all
LEDs on, I
BLn
= 25mA
6.5
Maximum Total Output Current
I
OUT(MAX)
V
IN
> 2.9V, sum of all active LED currents,
V
OUT(MAX)
= 4.2V
150
mA
Backlight Current Setting
I
BLn
Nominal setting for BL1 thru BL6
0
25
mA
Backlight Current Matching
I
BL-BL
I
BLn
= 12mA(3)
-3.5
±0.5
+3.5
%
Backlight Current Accuracy
I
BL_ACC
I
BLn
= 12mA
-8
±1.5
+8
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com