Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC658 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC658
Description  Backlight Driver for 4 LEDs with SemPulseTM Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC658 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC658 Datasheet HTML 2Page - Semtech Corporation SC658 Datasheet HTML 3Page - Semtech Corporation SC658 Datasheet HTML 4Page - Semtech Corporation SC658 Datasheet HTML 5Page - Semtech Corporation SC658 Datasheet HTML 6Page - Semtech Corporation SC658 Datasheet HTML 7Page - Semtech Corporation SC658 Datasheet HTML 8Page - Semtech Corporation SC658 Datasheet HTML 9Page - Semtech Corporation SC658 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
Typical Characteristics
SC658
All data taken with T
A = +25 °C, VIN = 3.7V, CIN = C = C2 = COUT = 2.2µF (ESR = 0.03Ω) unless otherwise noted.
Backlight Efficiency (4 LEDs) — 25mA Each
50
60
70
80
90
100
2.7
3
3.3
3.6
3.9
4.2
VIN (V)
CIN = COUT = 4.7µF, VOUT = 3.61V
50
60
70
80
90
100
2.7
3
3.3
3.6
3.9
4.2
VIN (V)
VOUT = 3.44V
-3
-2
-1
0
1
2
3
2.7
3
3.3
3.6
3.9
4.2
CIN = COUT = 4.7µF
VIN (V)
50
60
70
80
90
100
2.7
3
3.3
3.6
3.9
4.2
VIN (V)
VOUT = 3.27V
-3
-2
-1
0
1
2
3
2.7
3
3.3
3.6
3.9
4.2
VIN (V)
Backlight Matching (4 LEDs) — 4.5mA Each
-3
-2
-1
0
1
2
3
2.7
3
3.3
3.6
3.9
4.2
VIN(V)
Backlight Efficiency (4 LEDs) — 12mA Each
Backlight Matching (4 LEDs) — 12mA Each
Backlight Matching (4 LEDs) — 25mA Each
Backlight Efficiency (4 LEDs) — 4.5mA Each



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com