Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC658 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC658
Description  Backlight Driver for 4 LEDs with SemPulseTM Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC658 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC658 Datasheet HTML 11Page - Semtech Corporation SC658 Datasheet HTML 12Page - Semtech Corporation SC658 Datasheet HTML 13Page - Semtech Corporation SC658 Datasheet HTML 14Page - Semtech Corporation SC658 Datasheet HTML 15Page - Semtech Corporation SC658 Datasheet HTML 16Page - Semtech Corporation SC658 Datasheet HTML 17Page - Semtech Corporation SC658 Datasheet HTML 18Page - Semtech Corporation SC658 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
5
SC658
SemPulseTM Interface (continued)
SemPulse Timing Diagrams
The SemPulse single wire interface is used to enable or disable the device and configure all registers (see Figure 3). The
timing parameters refer to the digital I/O electrical specifications.
tLO
tHI
t = tSU
t = tHOLDA
t = tHOLDD
Address is set
Data is written
SPIF
Up to 32 rising edges
(0 to 31 pulses)
Up to 64 rising edges
(0 to 63 pulses)
Figure 3 — Uniform Timing Diagram for SemPulse Communication
Timing Example 1
In this example (see Figure 4), the slave chip receives two sets of pulses to set the address and data, and the pulses expe-
rience interrupts that cause the pulse width to be nonuniform. Note that as long as the maximum high and low times
are satisfied and the hold times are within specification, the data transfer is completed regardless of the number of
interrupts that delay the transmission.
tHI
tLO
t < tHImax
t < tLOmax
t = tSU
Data written is
000011
SPIF
t = tHOLDA
t = tHOLDD
Address is set to
register 02h
Figure 4 — SemPulse Data Write with Non-Uniform Pulse Widths
Timing Example 2
In this example (see Figure 5), the slave chip receives two sets of pulses to set the address and data, but an interrupt
occurs during a pulse that causes it to exceed the minimum address hold time. The write is meant to be the value 03h
in register 05h, but instead it is interpreted as the value 02h written to register 02h. The extended pulse that is delayed
by the interrupt triggers a false address detection, causing the next pulse set to be interpreted as the data set. To avoid
any problems with timing, make sure that all pulse widths comply with their timing requirements as outlined in this
datasheet.
Data written is
000010
SPIF
t > tHImax
t = tHOLDD
Address is set to
register 02h
Interrupt
duration
t = tHOLDA
Address is set to register
03h (address and data are
now out of order)
Figure 5 — Faulty SemPulse Data Write Due to Extended Interrupt Duration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com