Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5388 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5388
Description  High-Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5388 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5388 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5388 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5388 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5388 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5388
No.6283–2/4
Switching Time Test Circuit
PW=20
µs
100
µF
470
µF
D.C.
≤1%
50
Ω
VBE=--5V
VCC=200V
INPUT
OUTPUT
T.U.T
++
IB1
RB
R1
R2
RL
VR
IB2
Continued from preceding page.
5.0
4.5
3.0
4.0
3.5
2.0
2.5
1.0
1.5
0.5
0
02
4
6
8
10
1
3
579
IC -- VCE
10mA
5mA
20mA
30mA
40m
A
IB=0
IT00791
Ta=120
°C
25°
C
--40
°C
10
1000
100
7
5
3
2
7
5
3
2
7
5
3
2
1.0
3
25
10
0.1
73
25
7
1.0
hFE -- IC
VCE=5V
IT00793
VCE=5V
10
8
9
7
6
5
4
3
2
1
0
0
0.2
0.4
0.6
0.8
1.4
1.0
1.2
1.6
1.8
2.4
2.0
2.2
IC -- VBE
IT00792
10
2
3
5
7
2
3
5
7
0.1
1.0
0.1
23
5
7
2
3
5
7
1.0
10
VCE(sat) -- IC
Ta=--40
°C
25
°C
120°C
IT00794
IC / IB=20
90mA
80mA
70mA
60mA
50mA
Collector-to-Emitter Voltage, VCE –V
Base-to-Emitter Voltage, VBE –V
Collector Current, IC –A
Collector Current, IC –A
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
i
a
t
s
u
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
)
s
u
s
(IC
I
,
A
m
0
0
1
=
B 0
=0
0
7V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV E
C
)
t
a
s
(IC
I
,
A
5
=
B
A
5
.
0
=
5
.
1V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV E
B
)
t
a
s
(IC
I
,
A
5
=
B
A
5
.
0
=0
.
2V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
)
R
B
(
IC
I
,
A
m
1
=
E 0
=0
0
5
1V
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DVF
I C
E
A
5
=
0
.
2V
e
m
i
T
ll
a
Ftf
IC
I
,
A
5
=
1
B
I
,
A
5
.
0
=
2
B
V
,
A
5
.
2
–
=
C
C
R
,
V
0
0
2
=
L
0
4
=
Ω
8
.
0s
µ
e
m
i
T
e
g
a
r
o
t
St g
t
s
IC
I
,
A
5
=
1
B
I
,
A
5
.
0
=
2
B
V
,
A
5
.
2
–
=
C
C
R
,
V
0
0
2
=
L
0
4
=
Ω
3s
µ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com