Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5388 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5388
Description  High-Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5388 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5388 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5388 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5388 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5388 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5388
No.6283–3/4
50
0
60
70
30
20
10
40
20
060
40
80
100
140
120
160
PC -- Tc
IT00800
4.0
0
3.5
3.0
2.0
1.0
2.5
1.5
0.5
20
060
40
80
100
140
120
160
PC -- Ta
IT00799
F.B A S O
R.B A S O
10
1.0
7
5
3
2
5
3
2
7
5
3
2
0.1
7
5
3
2
10
25
37
100
25
37
1000
25
37
ICP
P
C =50W
IC
Tc=25
°C
Single pulse
300
µ
s
P
T =100
µ
s
IT00797
1.0
0.1
7
5
3
2
7
5
3
2
10
7
5
3
2
5
3
2
1000
100
23
2
5
55
37
7
L=500
µH
IB2=--2A
Tc=25
°C
Single pulse
IT00798
1ms
ICP
10
1.0
7
5
3
2
7
5
3
2
0.1
--10
--0.1
3
25
7
3
25
7
--1.0
tstg
tf
10
7
5
3
2
7
5
3
2
1.0
0.1
10
0.1
3
25
7
3
25
7
1.0
SW Time -- IC
IT00795
IT00796
IC / IB1=10
IB2 / IB1=5
R load
tstg
tf
SW Time -- IB2
IC=5A
IB1=0.5A
R load
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V
Collector Current, IC –A
Base Current, IB2 –A
Ambient Temperature, Ta –
°C
No
heat
sink
Case Temperature, Tc –
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com