Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1202 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1202
Description  600mA Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1202 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1202 Datasheet HTML 1Page - Semtech Corporation SC1202 Datasheet HTML 2Page - Semtech Corporation SC1202 Datasheet HTML 3Page - Semtech Corporation SC1202 Datasheet HTML 4Page - Semtech Corporation SC1202 Datasheet HTML 5Page - Semtech Corporation SC1202 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
 2008 Semtech Corp.
www.semtech.com
SC1202
POWER MANAGEMENT
Unless otherwise specified, Adj. V
IN = 2.65 to 7V and Adj. IO = 10mA to 600mA;
Fixed V
IN = 4.75 to 7V and Fixed IO = 0mA to 600mA
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
t
u
p
n
IV
N
I
7V
n
o
it
a
p
i
s
s
i
D
r
e
w
o
PP
D
d
e
ti
m
i
L
y
ll
a
n
r
e
t
n
IW
e
s
a
C
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
5
1W
/
C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
6
5
1W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
OT
A
0
7
o
t
0C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OT
J
5
2
1
o
t
0C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
6
-C
°
s
d
n
o
c
e
s
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
ED
S
E2
V
k
r
e
t
e
m
a
r
a
Pl
o
b
m
y
SV
N
I
I
o
T
J
)
4
(
n
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
tl
o
V
t
u
p
t
u
O
)
1
(
V
O
V
5A
m
0C
°
5
25
6
2
.
30
0
3
.
35
3
3
.
3V
n
o
it
p
O
e
g
a
tl
o
V
d
e
x
i
F.
T
.
O0
3
2
.
30
0
3
.
39
6
3
.
3
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
)
1
(
V
F
E
R
V
5A
m
0
1C
°
5
28
3
2
.
10
5
2
.
12
6
2
.
1V
n
o
i
s
r
e
V
e
g
a
tl
o
V
.j
d
A.
T
.
O5
2
2
.
10
5
2
.
15
7
2
.
1
n
o
it
a
l
u
g
e
R
e
n
i
L
)
1
(
G
E
R
)
E
N
I
L
(
A
m
0
1.
T
.
O5
3
0
.
02
.
0%
n
o
it
a
l
u
g
e
R
d
a
o
L
)
1
(
G
E
R
)
D
A
O
L
(
V
5.
T
.
O2
.
04
.
0%
e
g
a
tl
o
V
t
u
o
p
o
r
D
∆V
T
U
O
,
∆V
F
E
R
%
1
=
V
D
.
T
.
O2
.
13
.
1V
ti
m
i
L
t
n
e
r
r
u
CI
L
C
.
T
.
O0
0
6A
m
d
e
x
i
F
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
n
o
i
s
r
e
V
e
g
a
tl
o
V
I
Q
V
5.
T
.
O0
13
1A
m
t
n
e
i
c
if
f
e
o
C
e
r
u
t
a
r
e
p
m
e
TT
C
.
T
.
O5
0
0
.
0C
°
/
%
t
n
e
r
r
u
C
n
i
P
t
s
u
j
d
AI
J
D
A
.
T
.
O5
50
9A
µ
t
n
e
r
r
u
C
n
i
P
t
s
u
j
d
A
e
g
n
a
h
C
∆I
J
D
A
.
T
.
O2
.
00
.
5A
µ
Absolute Maximum Ratings
Electrical Characteristics
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com