Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1202 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1202
Description  600mA Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1202 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1202 Datasheet HTML 1Page - Semtech Corporation SC1202 Datasheet HTML 2Page - Semtech Corporation SC1202 Datasheet HTML 3Page - Semtech Corporation SC1202 Datasheet HTML 4Page - Semtech Corporation SC1202 Datasheet HTML 5Page - Semtech Corporation SC1202 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.semtech.com
SC1202
600mA Low Dropout Positive
Voltage Regulator
POWER MANAGEMENT
Revision: June 11, 2008
The SC1202 series of high performance positive voltage
regulators are designed for use in applications requiring
low dropout performance at full rated current.
Additionally, the SC1202 series provides excellent
regulation over variations due to line, load and
temperature.
Outstanding features include low dropout performance
at rated current, fast transient response, internal
current limiting and thermal shutdown protection of the
output device. The SC1202 series are three terminal
regulators available in the surface mount SOT-223
package.
Low dropout performance, 1.3V max.
Full current rating over line and temperature
Fast transient response
±2% total output regulation over line, load
and temperature
Adjust pin current max. 90µA over temperature
Adjustable or fixed output voltages
Line regulation 0.2% max.
Load regulation 0.4% max.
SOT-223 package. Fully WEEE and RoHS compliant
Low voltage microcontrollers
Microprocessor I/O supplies
5V to 3.3V conversion for memory, ASIC, custom
circuits, etc.
VIN > 4.75V
VOUT = 3.45V
VIN > 4.75V
VOUT = 3.3V
R2
232 Ohm, 1%
R1
133 Ohm, 1%
+
C2
10uF Tant.
+
C1
10uF Tant.
U1
SC1202
1
2
3
ADJ
OUT
IN
TAB
U1
SC1202-3.3
1
2
3
GND
OUT
IN
TAB
+
C2
10uF Tant.
+
C1
10uF Tant.
Notes:
Notes:
Notes:
Notes:
Notes:
(1) C1 needed if device is far from filter capacitors
(2) C2 minimum value required for stability
2
R
I
1
R
2
R
1
V
V
ADJ
REF
OUT
•
+
 +
•
=
Fixed Voltage Regulator
Adjustable Voltage Regulator
Features
Applications
Description
Typical Application Circuits


Similar Part No. - SC1202

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1202 SEMTECH-SC1202 Datasheet
171Kb / 5P
600mA Low Dropout Positive Voltage Regulator
SC1202A SEMTECH-SC1202A Datasheet
171Kb / 5P
600mA Low Dropout Positive Voltage Regulator
SC1202ACST SEMTECH-SC1202ACST Datasheet
171Kb / 5P
600mA Low Dropout Positive Voltage Regulator
SC1202ACST-3.3TR SEMTECH-SC1202ACST-3.3TR Datasheet
171Kb / 5P
600mA Low Dropout Positive Voltage Regulator
SC1202CST SEMTECH-SC1202CST Datasheet
171Kb / 5P
600mA Low Dropout Positive Voltage Regulator
More results

Similar Description - SC1202

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
SC1202 SEMTECH-SC1202 Datasheet
171Kb / 5P
600mA Low Dropout Positive Voltage Regulator
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
143Kb / 5P
600mA Low Dropout NPN Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906 Datasheet
70Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1117A ETC1-CM1117A Datasheet
200Kb / 9P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202_07 Datasheet
1Mb / 12P
600mA Low Dropout Voltage Regulator
logo
Semtech Corporation
SC1202 SEMTECH-SC1202_04 Datasheet
167Kb / 5P
600mA Low Dropout Positive Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117A CHAMP-CM1117A Datasheet
225Kb / 9P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
600mA Low Dropout CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com