Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1453 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1453
Description  150mA Ultra Low Dropout Regulator with Low Noise Bypass
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1453 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1453_08 Datasheet HTML 5Page - Semtech Corporation SC1453_08 Datasheet HTML 6Page - Semtech Corporation SC1453_08 Datasheet HTML 7Page - Semtech Corporation SC1453_08 Datasheet HTML 8Page - Semtech Corporation SC1453_08 Datasheet HTML 9Page - Semtech Corporation SC1453_08 Datasheet HTML 10Page - Semtech Corporation SC1453_08 Datasheet HTML 11Page - Semtech Corporation SC1453_08 Datasheet HTML 12Page - Semtech Corporation SC1453_08 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1453
Quiescent Current vs. Junction Temperature
vs. Input Voltage
Off-State Quiescent Current
vs. Junction Temperature
Typical Characteristics
Output Voltage vs. Junction Temperature
vs. Output Current
Line Regulation vs. Junction Temperature
vs. Input Voltage Change
Load Regulation vs.
Junction Temperature
Current Limit vs. Junction Temperature
vs. Input Voltage
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
TJ (°C)
IOUT = 150mA
VIN = 3.8V
VIN = 6.5V
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 6.5V
VEN = 0V
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = VOUT + 1V
IOUT = 1mA
IOUT = 50mA
100mA
≤ IOUT ≤ 150mA
0
2
4
6
8
10
12
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = VOUT + 1V to 5.5V
VIN = VOUT + 1V to 6.5V
IOUT = 1mA
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = VOUT + 1V
IOUT = 0.1mA to 150mA
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 6.5V
VIN = 3.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com