Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1453 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC1453
Description  150mA Ultra Low Dropout Regulator with Low Noise Bypass
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1453 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC1453_08 Datasheet HTML 7Page - Semtech Corporation SC1453_08 Datasheet HTML 8Page - Semtech Corporation SC1453_08 Datasheet HTML 9Page - Semtech Corporation SC1453_08 Datasheet HTML 10Page - Semtech Corporation SC1453_08 Datasheet HTML 11Page - Semtech Corporation SC1453_08 Datasheet HTML 12Page - Semtech Corporation SC1453_08 Datasheet HTML 13Page - Semtech Corporation SC1453_08 Datasheet HTML 14Page - Semtech Corporation SC1453_08 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1453
Outline Drawing - SOT-23-5
.110 BSC
.037 BSC
DETAIL
aaa C
SEATING PLANE
C
ccc C
2X N/2 TIPS
2X E/2
5
SEE DETAIL
A1
A
A2
bxN
D
A
.008
12
N
e1
E
D
.060
.114
.063
.118
.010
-
5
A
0.20
1.60
3.00
2.80 BSC
0.95 BSC
.069
1.50
2.90
.020
0.25
1.75
0.50
-
EI
L
(L1)
c
01
0.25
PLANE
GAGE
H
2.80
.110
bbb
C A-B D
A
B
e
0°
.008
-
.004
.012
.003
(.024)
.018
-
.035
.000
.035
-
-
.045
0.10
0.20
10°
0°
-
10°
1.15
(0.60)
0.45
.024
.009
0.30
0.08
.057
.051
.006
0.00
.90
0.90
0.22
0.60
-
0.15
1.45
1.30
-
-
1.90 BSC
.075 BSC
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
OR GATE BURRS.
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
NOTES:
1.
3.
2.
-A-
-B-
-H-
DIMENSIONS
INCHES
L1
aaa
bbb
ccc
01
N
DIM
E
e1
L
e
E1
c
D
A
A2
b
A1
MIN NOM
MILLIMETERS
NOM
MAX MIN
MAX
SIDE VIEW
Land Pattern - SOT-23-5
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
P
(C)
Z
Y
G
.043
.141
.055
(.098)
.037
.024
1.40
(2.50)
0.95
0.60
1.10
3.60
X
DIMENSIONS
INCHES
Y
Z
DIM
G
P
X
C
MILLIMETERS
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com