Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1453 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1453
Description  150mA Ultra Low Dropout Regulator with Low Noise Bypass
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1453 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1453 Datasheet HTML 1Page - Semtech Corporation SC1453 Datasheet HTML 2Page - Semtech Corporation SC1453 Datasheet HTML 3Page - Semtech Corporation SC1453 Datasheet HTML 4Page - Semtech Corporation SC1453 Datasheet HTML 5Page - Semtech Corporation SC1453 Datasheet HTML 6Page - Semtech Corporation SC1453 Datasheet HTML 7Page - Semtech Corporation SC1453 Datasheet HTML 8Page - Semtech Corporation SC1453 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1453
150mA Ultra Low Dropout
Regulator with Low Noise Bypass
Features
Revision: April 21, 2008
Description
The SC1453 is a low dropout linear regulator that
operates from a +2.25V to +6.5V input range and
delivers up to 150mA. A PMOS pass transistor allows
the low 75µA supply current to remain independent of
load, making these devices ideal for battery operated
portable equipment such as cellular phones, cordless
phones and personal digital assistants.
The SC1453 has a bandgap reference bypass pin for
very low noise operation - a 10nF (typ.) capacitor may be
connected between this pin and ground. Other features
include low powered shutdown, short circuit protection,
thermal shutdown protection and reverse battery
protection. The SC1453 comes in the tiny 5 lead SOT-23
package and the ultra-low profile 5 lead TSOT-23.
Battery Powered Systems
Cellular Telephones
Cordless Telephones
Personal Digital Assistants
Portable Instrumentation
Modems
PCMCIA cards
“2982/5205” compatible pinout
Guaranteed 150 mA output current
2% output accuracy guaranteed over line, load and
temperature
Very small external components - designed to work
with ceramic capacitors
Low 26µV
RMS output noise
(1.5V option, C
IN = COUT = 1µF, CBYP = 10nF)
Very low supply current
Thermal overload protection
Reverse battery protection
Low power shutdown
Full industrial temperature range
Very low profile packaging available (1mm max. height)
Surface mount packaging (5 pin SOT-23 and
TSOT-23)
Available in Lead-free packages, fully WEEE and RoHS
compliant
VIN
VOUT
C3
1uF
C1
1uF
U1
SC1453
1
2
3
4
5
IN
GND
EN
BYP
OUT
C2
10nF
Applications
Typical Application Circuit


Similar Part No. - SC1453

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453-1.5ISKTR SEMTECH-SC1453-1.5ISKTR Datasheet
119Kb / 5P
150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453-1.8ISKTR SEMTECH-SC1453-1.8ISKTR Datasheet
119Kb / 5P
150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453-2.5ISKTR SEMTECH-SC1453-2.5ISKTR Datasheet
119Kb / 5P
150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453-2.7ISKTR SEMTECH-SC1453-2.7ISKTR Datasheet
119Kb / 5P
150mA Ultra Low Dropout Regulator with Low Noise Bypass
More results

Similar Description - SC1453

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
ADDtek Corp
AMC8878 ADDTEK-AMC8878 Datasheet
271Kb / 9P
LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_06 Datasheet
245Kb / 14P
150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
150mA Ultra Low Dropout, Low Noise Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
150mA, Low Noise, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com