Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1541 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1541
Description  1.0A Low Dropout Voltage Regulator with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1541 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1541 Datasheet HTML 1Page - Semtech Corporation SC1541 Datasheet HTML 2Page - Semtech Corporation SC1541 Datasheet HTML 3Page - Semtech Corporation SC1541 Datasheet HTML 4Page - Semtech Corporation SC1541 Datasheet HTML 5Page - Semtech Corporation SC1541 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
 2004 Semtech Corp.
www.semtech.com
SC1541
POWER MANAGEMENT
Notes:
(1) Where X.X denotes voltage options. Available
voltages are: 1.8V, 2.5V and 3.3V. Contact factory for
additional voltage options.
(2) Only available in tape and reel packaging. A reel
contains 800 (TO-263-5) or 2500 (SO-8) devices.
(3) Halogen Free, and RoHS/WEEE compliant.
e
c
i
v
e
D
)
2
(
)
1
(
e
g
a
k
c
a
P
R
T
.
X
.
X
-
M
C
1
4
5
1
C
S
5
-
3
6
2
-
O
T
T
R
T
.
X
.
X
-
M
C
1
4
5
1
C
S
)
3
(
R
T
.
X
.
X
-
S
C
1
4
5
1
C
S
8
-
O
S
T
R
T
.
X
.
X
-
S
C
1
4
5
1
C
S
)
3
(
N
I
PN
O
I
T
C
N
U
F
1N
E
2D
N
G
B
A
T
/
3T
U
O
4N
I
5C
N
TO-263-5
SO-8
Pin Configurations
Ordering Information
Block Diagram
e
m
a
N
n
i
P#
n
i
P
8
-
O
S#
n
i
P
5
-
3
6
2
-
O
Tn
o
i
t
c
n
u
F
n
i
P
N
E1
1
V
o
t
t
c
e
n
n
o
C
.t
u
p
t
u
o
r
o
t
a
l
u
g
e
r
e
h
t
r
o
f
e
l
b
a
n
e
h
g
i
h
e
v
it
c
A
N
I
.
d
e
s
u
g
n
i
e
b
t
o
n
fi
D
N
G2
2
.
n
i
a
h
c
r
o
t
s
i
s
e
r
k
c
a
b
d
e
e
f
l
a
n
r
e
t
n
i
e
h
t
f
o
d
n
e
m
o
tt
o
B
.
n
i
p
d
n
u
o
r
G
C
N4
5
.
n
o
it
c
e
n
n
o
c
o
N
N
I3
4
.
e
c
i
v
e
d
e
h
t
r
o
f
n
i
p
y
l
p
p
u
s
t
u
p
n
i
e
h
t
s
i
s
i
h
T
T
U
O8
,
7
,
6
,
5B
A
T
/
3
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
c
ir
t
c
e
l
e
s
i
n
i
p
s
i
h
T
.
e
c
i
v
e
d
e
h
t
f
o
t
u
p
t
u
o
r
e
w
o
p
e
h
t
s
i
s
i
h
T
.
e
g
a
k
c
a
p
5
-
3
6
2
-
O
T
e
h
t
f
o
b
a
t
e
h
t
Pin Descriptions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com