Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1541 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1541
Description  1.0A Low Dropout Voltage Regulator with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1541 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1541 Datasheet HTML 1Page - Semtech Corporation SC1541 Datasheet HTML 2Page - Semtech Corporation SC1541 Datasheet HTML 3Page - Semtech Corporation SC1541 Datasheet HTML 4Page - Semtech Corporation SC1541 Datasheet HTML 5Page - Semtech Corporation SC1541 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.semtech.com
SC1541
1.0A Low Dropout Voltage
Regulator with Enable
POWER MANAGEMENT
Revision: November 25, 2009
The SC1541 is a high performance low dropout positive
voltage regulator designed for use in applications where
power management is critical, such as battery powered
systems.
Additionally, the SC1541 provides excellent regulation
over variations in line, load and temperature.
Outstanding features include low dropout performance
at rated current, fast transient response, internal
current limiting and thermal shutdown protection of the
output device. A very low quiescent current of 10µA in
shutdown mode reduces power dissipation.
The SC1541 is available with three different voltage
options as standard and two package options, SO-8 and
5-lead TO-263.
Low voltage microcontrollers
Switching power supply post-regulation
Instantly available circuits
Motherboards
Battery operated equipment
Low dropout performance, 1.3V max
Full current rating over line and temperature
Fast transient response
+2% total output regulation over line, load
and temperature
10µA max. quiescent current in shutdown
Three fixed output voltages
Line regulation 0.2% max.
Load regulation 0.4% max.
SO-8 and TO-263 packages
V
V
ENABLE SIGNAL
U1
SC1541
IN
EN GND
OUT
C2
10uF min.
C1
10uF
Tantalum
Tantalum
IN
OUT
Notes:
(1) Input and output capacitors should be located close to the device.
(2) Connect all pins to PCB (SO-8 package) for optimal thermal characteristics.
(3) Increasing the output capacitor value will improve the overall transient response.
(4) The device is enabled when V
EN = VIN, and shut down when EN is pulled to ground. EN should not be taken higher
than V
IN. A CMOS signal referenced to VIN would be ideal for switching the SC1541 on and off.
Description
Features
Applications
Typical Application Circuit


Similar Part No. - SC1541

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1541 SEMTECH-SC1541 Datasheet
168Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
SC1541CM-X.X.TR SEMTECH-SC1541CM-X.X.TR Datasheet
168Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
SC1541CM-X.X.TRT SEMTECH-SC1541CM-X.X.TRT Datasheet
168Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
SC1541CS-X.X.TR SEMTECH-SC1541CS-X.X.TR Datasheet
168Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
SC1541CS-X.X.TRT SEMTECH-SC1541CS-X.X.TRT Datasheet
168Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
More results

Similar Description - SC1541

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001 Datasheet
104Kb / 5P
300mA CMOS Low Dropout Voltage Regulator with Enable
TS9009 TSC-TS9009 Datasheet
105Kb / 5P
80mA CMOS Low Dropout Voltage Regulator with Enable
TS9010 TSC-TS9010 Datasheet
97Kb / 4P
150mA CMOS Low Dropout Voltage Regulator with Enable
logo
Semtech Corporation
SC1541 SEMTECH-SC1541 Datasheet
168Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
logo
Acutechnology Semicondu...
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
Ultra-Low Dropout 500mA Voltage Regulator with Enable
Revision 2.1 January 22, 2007
BQ8211 ACUTECH-BQ8211 Datasheet
624Kb / 9P
Low Dropout 300mA Voltage Regulator with Enable
Revision 1.3 September 13, 2006
logo
Taiwan Semiconductor Co...
TS5218 TSC-TS5218 Datasheet
389Kb / 7P
800mA Ultra Low Dropout Voltage Regulator with Enable
TS5218 TSC-TS5218_09 Datasheet
389Kb / 7P
800mA Ultra Low Dropout Voltage Regulator with Enable
logo
ON Semiconductor
NCV4266 ONSEMI-NCV4266 Datasheet
122Kb / 11P
150 mA Low-Dropout Voltage Regulator with Enable
June, 2012 ??Rev. 2
NCP706 ONSEMI-NCP706_16 Datasheet
621Kb / 16P
Precision Very Low Dropout Voltage Regulator with Enable
May, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com