Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2443 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2443
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2443 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2443 Datasheet HTML 3Page - Semtech Corporation SC2443 Datasheet HTML 4Page - Semtech Corporation SC2443 Datasheet HTML 5Page - Semtech Corporation SC2443 Datasheet HTML 6Page - Semtech Corporation SC2443 Datasheet HTML 7Page - Semtech Corporation SC2443 Datasheet HTML 8Page - Semtech Corporation SC2443 Datasheet HTML 9Page - Semtech Corporation SC2443 Datasheet HTML 10Page - Semtech Corporation SC2443 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SC2443
7
30
40
50
60
70
80
90
1
5
10
15
20
25
30
35
40
Typical Application Circuit Performance
Circuit Conditions : Single output current share configuration as shown in page 5
Soft Start
0ms/DIV
VIN
2V/DIV
VOUT
V/DIV
COMP
V/DIV
EN/SS
2V/DIV
Releasing SS/EN pin from GND
VOUT
V/DIV
COMP
V/DIV
EN/SS
2V/DIV
VIN
5V/DIV
VOUT
V/DIV
GDL
5V/DIV
EN/SS
2V/DIV
VIN
5V/DIV
Shuting down _ VIN ramp down
ms/DIV
VIN
2V/DIV
VOUT
V/DIV
GDL
0V/DIV
EN/SS
2V/DIV
Pulling SS/EN pin to GND
Gate Wavefroms
GDH2
GDL2
0V/DIV
GDH
GDL
0V/DIV
Output Ripple _ IOUT = 40A
us/DIV
VOUT
20mV/DIV
Transient Response _ 0A ~ 30A
OCP Trip _ IOUT = 56A
VOUT
50mV/DIV
VOUT
0.5V/DIV
GDL
0V/DIV
GDH
20V/DIV
SS/EN
2V/DIV
0ms/DIV
0ms/DIV
VIN
5V/DIV
VOUT
V/DIV
GDL
0V/DIV
EN/SS
2V/DIV
400us/DIV
us/DIV
GDH
GDH2
0V/DIV
200us/DIV
400us/DIV
Efficiency (2VIN to VOUT)
IOUT(A)
EFF (%)
OCP Recovery to 30A loading
VOUT
0.5V/DIV
GDL
0V/DIV
GDH
20V/DIV
SS/EN
2V/DIV
20ms/DIV
Releasing SS/EN pin from GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com