Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2443 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC2443
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2443 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC2443 Datasheet HTML 9Page - Semtech Corporation SC2443 Datasheet HTML 10Page - Semtech Corporation SC2443 Datasheet HTML 11Page - Semtech Corporation SC2443 Datasheet HTML 12Page - Semtech Corporation SC2443 Datasheet HTML 13Page - Semtech Corporation SC2443 Datasheet HTML 14Page - Semtech Corporation SC2443 Datasheet HTML 15Page - Semtech Corporation SC2443 Datasheet HTML 16Page - Semtech Corporation SC2443 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SC2443
3
Applications Information (continued)
very high switching frequency and very short duty cycle
is not practical. If the voltage conversion ratio
VIN
VO /
and hence the required duty cycle is higher, the switching
frequency can be increased to reduce the sizes of passive
components.
There will not be enough modulation headroom if the
on time is simply made equal to the minimum on time
of the SC2443. For ease of control, we recommend the
required pulse width to be at least .5 times the minimum
on time.
Setting the Switching Frequency
The switching frequency is set with an external resistor
connected from Pin 24 to ground. The set frequency is
inversely proportional to the resistor value (Figure 2).
Figure 2. Free running frequency vs. ROSC.
0
100
200
300
400
500
600
700
800
0
50
100
150
200
250
Rosc (k Ohm)
Setting the Output Voltage
The non-inverting input of the channel-one error amplifier
is internally tied the 0.5V voltage reference output (Pin 5).
The non-inverting input of the channel-two error amplifier
is brought out as a device pin (Pin 6) to which the user can
connect Pin 5 or an external voltage reference. A simple
voltage divider (Ro at top and Ro2 at bottom) sets the
converter output voltage. The voltage feedback gain
h=0.5/Vo is related to the divider resistors value as
PC Board Layout Issues
Circuit board layout is very important for the proper
operation of high frequency switching power converters.
A power ground plane is required to reduce ground
bounces. The following are suggested for proper layout:
Power Stage
) Separate the power ground from the signal ground. In
the SC2443, the power ground PGND should be tied to
the source terminal of lower MOSFETs. The signal ground
AGND should be tied to the negative terminal of the
output capacitor.
2) Minimize the size of high pulse current loop. Keep the
top MOSFET, bottom MOSFET and the input capacitors
within a small area with short and wide traces. In addition
to the aluminum energy storage capacitors, add multi-
layer ceramic (MLC) capacitors from the input to the
power ground to improve high frequency bypass.
3) Reduce high frequency voltage ringing. Widen and
shorten the drain and source traces of the MOSFET to
reduce stray inductances. Add a small RC snubber if
necessary to reduce the high frequency ringing at the
phase node. Sometimes slowing down the gate drive
signal also helps in reducing the high frequency ringing
at the phase node.
4) Shorten the gate driver path. Integrity of the gate drive
(voltage level, leading and falling edges) is important for
circuit operation and efficiency. Short and wide gate drive
traces reduce trace inductances. Bond wire inductance is
about 2~3nH. If the length of the PCB trace from the gate
driver to the MOSFET gate is  inch, the trace inductance
will be about 25nH. If the gate drive current is 2A with
0ns rise and falling times, the voltage drops across
the bond wire and the PCB trace will be 0.6V and 5V
respectively. This may slow down the switching transient
of the MOSFET. These inductances may also ring with the
gate capacitance.
5) Put the decoupling capacitor for the gate drive power
supplies (BST and PVCC) close to the IC and power
ground.
Control Section
6) The frequency-setting resistor Rosc should be placed
close to Pin 3. Trace length from this resistor to the analog
.
1
o
2
o
R
h
1
h
R
-
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com