Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1302BIMSTRT Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1302BIMSTRT
Description  Dual High Speed Low-Side MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1302BIMSTRT Datasheet(HTML) 2 Page - Semtech Corporation

  SC1302BIMSTRT Datasheet HTML 1Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 2Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 3Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 4Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 5Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 6Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 7Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 8Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SC1302A/B/C/D/E/F
2
Pin Configuration
Top Marking Information
Ordering Information
Device
Package
Temperature Range (T
J)
SC1302AISTRT
SOIC-8
-40°C to +125°C
SC1302BISTRT
SC1302CISTRT
SC1302DSTRT
SC1302ESTRT
SC1302FSTRT
SC1302AIMSTRT
MSOP-8
-40°C to +125°C
SC1302BIMSTRT
SC1302CIMSTRT
Notes:
(1)
Available in tape and reel only. A reel contains 2,500 devices.
(2)
Lead-free package only. Device is WEEE and RoHS compliant.
8-Pin SOIC (A/D) or MSOP (A only)
Top Marking Information
X=A, B, C
302A = SC1302A
yyww = Date Code
X=D, E, F
yyww = Date Code
8-Pin SOIC (B/E) or MSOP (B only)
8-Pin SOIC (C/F) or MSOP (C only)
SC1302A/D (Dual Non-Inverting)
SC1302B/E (Dual Inverting)
SC1302C/F (Inverting+Non-Inverting)
MSOP A/B/C
SOIC A/B/C
SOIC D/E/F
X=A, B, C
yyww = Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com