Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1302BIMSTRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1302BIMSTRT
Description  Dual High Speed Low-Side MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1302BIMSTRT Datasheet(HTML) 3 Page - Semtech Corporation

  SC1302BIMSTRT Datasheet HTML 1Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 2Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 3Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 4Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 5Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 6Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 7Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 8Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SC1302A/B/C/D/E/F
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
Absolute Maximum Ratings
Supply Voltage V
CC
(V) . . . . . . . . . . . . . . . . . . . . . . -0.3 to +20
Input Voltages (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to V
CC
Peak Output Currents (A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Enable Voltage SC1302A/B/C (V) . . . . . . . . . . . -0.3 to V
CC
Shutdown Voltage SC1302A/B/C (V) . . . . . . . . -0.3 to V
CC
Continuous Power Dissipation (W). . . . . . Internally limited
ESD Protection Level (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Operating Temperature Range (°C) . . . . . . -40 < T
J
< +125
Operating Supply Voltage (V) . . . . . . . . . . . . . . . -0.3 to 16.5
Thermal Information
Thermal Resistance, Junction to Ambient MSOP(°C/W). .206
Thermal Resistance, Junction to Ambient SIOC(°C/W) . . .165
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +150
Storage Temperature Range (°C) . . . . . . . . . . . -65 to +150
Lead Temperature (Soldering)10s (°C) . . . . . . . . . . . . . +260
Unless otherwise specified, -40ºC < T
A
= T
J
<125°C, V
CC
= 12V, V
IN
= 5V, V
EN
=5V (SC1302A/B/C), V
SHDN
= 5V (SC1302A/B/C)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Current
Quiescent Current
I
Q
V
CC
< V
START
1
1.8
mA
Quiescent Current
I
Q
V
EN
= V
SHDN
= 3V for SC1302A/B/C, V
INA
= V
INB
= 3V
5.7
8.1
mA
Quiescent Current
I
Q
V
SHDN
= 0V for SC1302A/B/C
3
8
μA
Under-Voltage Lockout
Threshold Voltage
V
START
V
SHDN
= V
EN
= 3V for SC1302A/B/C, V
INA
= V
INB
= 3V
4.2
4.5
4.7
V
Hysteresis
V
SHDN
= V
EN
= 3V for SC1302A/B/C, V
INA
= V
INB
= 3V
250
320
475
mV
Enable for SC1302A/B/C
Enable Voltage
V
EN
0 < V
EN
< V
CC
2.0
V
Disable Voltage
V
EN
0 < V
EN
< V
CC
0.8
V
Delay to Output(1)
t
D_EN
EN from low to high
70
ns
Delay to Output(1)
t
D_DIS
EN from high to low
55
ns
Enable Input Current
I
EN
0 < V
IN
< V
CC
10
14
19
μA
DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com