Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4603IMSTRT Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4603IMSTRT
Description  Very Low Input, MHz Operation,High Efficiency Synchronous Buck
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4603IMSTRT Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4603IMSTRT Datasheet HTML 8Page - Semtech Corporation SC4603IMSTRT Datasheet HTML 9Page - Semtech Corporation SC4603IMSTRT Datasheet HTML 10Page - Semtech Corporation SC4603IMSTRT Datasheet HTML 11Page - Semtech Corporation SC4603IMSTRT Datasheet HTML 12Page - Semtech Corporation SC4603IMSTRT Datasheet HTML 13Page - Semtech Corporation SC4603IMSTRT Datasheet HTML 14Page - Semtech Corporation SC4603IMSTRT Datasheet HTML 15Page - Semtech Corporation SC4603IMSTRT Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
 2008 Semtech Corp.
www.semtech.com
SC4603
POWER MANAGEMENT
Applications Information - (Cont.)
After the compensation, the converter will have the
following loop gain:
LC
s
R
L
s
1
C
R
1
s
1
s
1
s
1
s
1
s
1
s
V
V
1
)
s
(
G
)
s
(
G
G
)
s
(
T
2
4
C
2
P
2
Z
1
P
1
Z
IN
I
M
VD
COMP
PWM
+
+
⋅
+
⋅
ω
+
⋅
ω
+
⋅
ω
+
ω
+
⋅
⋅
ω
⋅
=
⋅
⋅
=
Where:
G
PWM = PWM gain and
V
M = 1.0V, ramp peak to valley voltage of SC4603.
The design guidelines for the SC4603 applications are
as following:
1. Set the loop gain crossover corner frequency
ω
C for given switching corner frequency
ω
S =2 πfs,
2. Place an integrator at the origin to increase DC
and low frequency gains.
3. Select
ω
Z1 and ωZ2 such that they are placed
near
ω
O to damp the peaking and the loop gain
has a -20dB/dec rate to go across the 0dB
line for obtaining a wide bandwidth.
4. Cancel the zero from C
4’s ESR by a compensa-
tor pole
ω
P1 (ωP1 = ωESR = 1/( RCC4)),
5. Place a high frequency compensator pole
ωp
2
(
ωp
2 = πpfs) to get the maximum attenuation of
the switching ripple and high frequency noise
with the adequate phase lag at
ω
C.
The compensated loop gain will be as given in Figure 4:
-20dB/dec
0dB
Gd
T
ωZ1
ωZ2
p1
p2
c
ESR
ωo
ω
ω
ω
ω
Loop gain T(s)
Power stage GVD(s)
-40dB/dec
Figure 4. Asymptotic diagrams of power stage and its
loop gain.
Layout Guidelines
In order to achieve optimal electrical, thermal and noise
performance for high frequency converters, special at-
tention must be paid to the PCB layouts. The goal of lay-
out optimization is to identify the high di/dt loops and
minimize them. The following guideline should be used to
ensure proper functions of the converters.
1. A ground plane is recommended to minimize noises
and copper losses, and maximize heat dissipation.
2. Start the PCB layout by placing the power compo-
nents first. Arrange the power circuit to achieve a
clean power flow route. Put all the connections on
one side of the PCB with wide copper filled areas if
possible.
3. The V
CC bypass capacitor should be placed next to
the VCC and GND pins.
4. The trace connecting the feedback resistors to the
output should be short, direct and far away from the
noise sources such as switching node and switching
components.
5. Minimize the traces between PDRV/NDRV and the
gates of the MOSFETs to reduce their impedance to
drive the MOSFETs.
6. Minimize the loop including input capacitors, top/bot-
tom MOSFETs. This loop passes high di/dt current.
Make sure the trace width is wide enough to reduce
copper losses in this loop.
7. ISET and PHASE connections to P-MOSFET for cur-
rent sensing must use Kelvin connections.
Where
)
C
C
(
R
1
2
1
7
I
+
⋅
=
ω
2
1
1
Z
C
R
1
⋅
=
ω
9
8
7
2
Z
C
)
R
R
(
1
⋅
+
=
ω
2
1
1
2
1
1
P
C
C
R
C
C
⋅
⋅
+
=
ω
9
8
2
P
C
R
1
⋅
=
ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com