Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4603IMSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4603IMSTRT
Description  Very Low Input, MHz Operation,High Efficiency Synchronous Buck
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4603IMSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC4603IMSTRT Datasheet HTML 1Page - Semtech Corporation SC4603IMSTRT Datasheet HTML 2Page - Semtech Corporation SC4603IMSTRT Datasheet HTML 3Page - Semtech Corporation SC4603IMSTRT Datasheet HTML 4Page - Semtech Corporation SC4603IMSTRT Datasheet HTML 5Page - Semtech Corporation SC4603IMSTRT Datasheet HTML 6Page - Semtech Corporation SC4603IMSTRT Datasheet HTML 7Page - Semtech Corporation SC4603IMSTRT Datasheet HTML 8Page - Semtech Corporation SC4603IMSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
www.semtech.com
SC4603
Very Low Input, MHz Operation,
High Efficiency Synchronous Buck
POWER MANAGEMENT
Revision: May 16, 2008
Description
Features
Applications
Typical Application Circuit
BICMOS voltage mode PWM controller
2.25V to 5.5V Input voltage range
Output voltages as low as 0.5V
Sleep mode (Icc = 10µA typ)
Lossless adjustable overcurrent protection
Combination pulse by pulse & hiccup mode current
limit
High efficiency synchronous switching
0% to 100% Duty cycle range
Synchronization to external clock
Asynchronous start-up
1MHz frequency of operation
10-Pin MSOP surface mount package. Lead free
product. This product is fully WEEE and RoHS
compliant
Distributed power architecture
Servers/workstations
Local microprocessor core power supplies
DSP and I/O power supplies
Battery powered applications
Telecommunication equipment
Data processing applications
The SC4603 is a voltage mode step down (buck) regula-
tor controller that provides accurate high efficiency power
conversion from input supply range 2.25V to 5.5V. A high
level of integration reduces external component count
and makes it suitable for low voltage applications where
cost, size and efficiency are critical.
The SC4603 drives external complementary power
MOSFETs; P-channel on the high side and N-channel on
the low side. The use of high side P-channel MOSFETs
eliminates the need for an external charge pump and
simplifies the high side gate driver. Non-overlap protec-
tion is provided for the gate drive signals to prevent shoot
through of the MOSFET pair. The voltage drop across the
P-channel MOSFET during its conduction is sensed for
lossless short circuit current limiting.
A low power sleep mode can be achieved by forcing the
SYNC/SLEEP pin below 0.8V. A synchronous mode of op-
eration is activated as the SYNC/SLEEP pin is driven by
an external clock. The quiescent supply current in sleep
mode is typically lower than 10µA. A 1.7ms soft start is
internally provided to prevent output voltage overshoot
during start-up. A 100% maximum duty cycle allows the
SC4603 to operate as a low dropout regulator in the
event of a low battery condition.
The SC4603 is an ideal choice for 3.3V, 5V or other low
input supply systems. It’s available in 10 pin MSOP
package.
* External components can be modified to provide a Vout as low as 0.5V.
VCC
1
SYNC
2
COMP
3
VSENSE
4
FS
5
ISET
6
PHASE
7
GND
8
NDRV
9
PDRV
10
U1
SC4603
R15
1
C3
4.7u
C7
150u
C14
33n
R6
1.0
R5
1.0
R9
6.98k
Vout = 1.5V (as low as 0.5V * ) /6A
M2
C10
22u
C11
22u
C12
22u
Vin = 2.25V ~ 5.5V
C13
22u
C4
22u
RT 34.8k
C1
150p
C2
1n
R1
20k
R3
L1
2.3u
C9
1.2n
R8
806
M1
R7
14k
* External components can be modified to provide a Vout as low as 0.5V.
VCC
1
SYNC
2
COMP
3
VSENSE
4
FS
5
ISET
6
PHASE
7
GND
8
NDRV
9
PDRV
10
U1
SC4603
R15
1
C3
4.7u
C7
150u
C14
33n
R6
1.0
R5
1.0
R9
6.98k
Vout = 1.5V (as low as 0.5V * ) /6A
M2
C10
22u
C11
22u
C12
22u
Vin = 2.25V ~ 5.5V
C13
22u
C4
22u
RT 34.8k
C1
150p
C2
1n
R1
20k
R3
L1
2.3u
C9
1.2n
R8
806
M1
R7
14k


Similar Part No. - SC4603IMSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4603IMSTRT SEMTECH-SC4603IMSTRT Datasheet
317Kb / 16P
Very Low Input, MHz Operation, High Efficiency Synchronous Buck
More results

Similar Description - SC4603IMSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4607 SEMTECH-SC4607 Datasheet
318Kb / 17P
Very Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4609 SEMTECH-SC4609 Datasheet
329Kb / 18P
Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4603 SEMTECH-SC4603 Datasheet
317Kb / 16P
Very Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4608 SEMTECH-SC4608 Datasheet
361Kb / 19P
Low Input, MHz Operation, High Efficiency Synchronous Buck
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
High-Efficiency Synchronous Buck Controller
logo
Texas Instruments
TPS40007DGQRG4 TI1-TPS40007DGQRG4 Datasheet
858Kb / 28P
LOW-INPUT HIGH-EFFICIENCY SYNCHRNOUS BUCK CONTROLLER
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
Bel Fuse Inc.
YEV09T03 BEL-YEV09T03 Datasheet
574Kb / 10P
High efficiency synchronous buck topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com