Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4609 Datasheet (PDF) - Semtech Corporation

SC4609 Datasheet PDF - Semtech Corporation
Part # SC4609
Download  SC4609 Download
File Size   329.58 Kbytes
Page   18 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Input, MHz Operation, High Efficiency Synchronous Buck

SC4609 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4609 Datasheet PDF - Semtech Corporation

Part # SC4609
Download  SC4609 Click to download

File Size   329.58 Kbytes
Page   18 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Input, MHz Operation, High Efficiency Synchronous Buck

SC4609 Datasheet (HTML) - Semtech Corporation


SC4609 Product details

Description
The SC4609 is a voltage mode step down (buck) regulator controller that provides accurate high efficiency power conversion from an input supply range of 2.7V to 5.5V. A high level of integration reduces external component count, and makes it suitable for low voltage applications where cost, size and efficiency are critical. The SC4609 is capable of producing an output voltage as low as 0.5V.

Features
◆ Asynchronous start up
◆ Programmable switching frequency up to 1MHz
◆ BiCMOS voltage mode PWM controller
◆ 2.7V to 5.5V input voltage range
◆ Output voltage as low as 0.5V
◆ +/-1% reference accuracy
◆ Sleep mode (Icc = 10µA typ)
◆ Adjustable lossless short circuit current limiting
◆ Combination pulse by pulse & hiccup mode current limit
◆ High efficiency synchronous switching
◆ 1A peak current driver
◆ External soft start
◆ 12-pin MLP Lead-free package, fully WEEE and RoHS compliant

Applications
◆ Distributed power architecture
◆ Servers/workstations
◆ Local microprocessor core power supplies
◆ DSP and I/O power supplies
◆ Battery-powered applications
◆ Telecommunications equipment
◆ Data processing applications




Similar Part No. - SC4609

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4601 SEMTECH-SC4601 Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4601EVB SEMTECH-SC4601EVB Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4601IMSTR SEMTECH-SC4601IMSTR Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4601IMSTRT SEMTECH-SC4601IMSTRT Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
High Efficiency Synchronous, Step Down Controller
More results


Similar Description - SC4609

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4607 SEMTECH-SC4607 Datasheet
318Kb / 17P
Very Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4603 SEMTECH-SC4603 Datasheet
317Kb / 16P
Very Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4608 SEMTECH-SC4608 Datasheet
361Kb / 19P
Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4603 SEMTECH-SC4603_08 Datasheet
325Kb / 16P
Very Low Input, MHz Operation,High Efficiency Synchronous Buck
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
High-Efficiency Synchronous Buck Controller
logo
Texas Instruments
TPS40007DGQRG4 TI1-TPS40007DGQRG4 Datasheet
858Kb / 28P
LOW-INPUT HIGH-EFFICIENCY SYNCHRNOUS BUCK CONTROLLER
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
Bel Fuse Inc.
YEV09T03 BEL-YEV09T03 Datasheet
574Kb / 10P
High efficiency synchronous buck topology
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com