Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4609 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4609
Description  Low Input, MHz Operation, High Efficiency Synchronous Buck
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4609 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4609 Datasheet HTML 1Page - Semtech Corporation SC4609 Datasheet HTML 2Page - Semtech Corporation SC4609 Datasheet HTML 3Page - Semtech Corporation SC4609 Datasheet HTML 4Page - Semtech Corporation SC4609 Datasheet HTML 5Page - Semtech Corporation SC4609 Datasheet HTML 6Page - Semtech Corporation SC4609 Datasheet HTML 7Page - Semtech Corporation SC4609 Datasheet HTML 8Page - Semtech Corporation SC4609 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
www.semtech.com
SC4609
Low Input, MHz Operation,
High Efficiency Synchronous Buck
POWER MANAGEMENT
Revision: February 8, 2006
Description
Features
Applications
Typical Application Circuit
Asynchronous start up
Programmable switching frequency up to 1MHz
BiCMOS voltage mode PWM controller
2.7V to 5.5V input voltage range
Output voltage as low as 0.5V
+/-1% reference accuracy
Sleep mode (Icc = 10µA typ)
Adjustable lossless short circuit current limiting
Combination pulse by pulse & hiccup mode
current limit
High efficiency synchronous switching
1A peak current driver
External soft start
12-pin MLP Lead-free package, fully WEEE and RoHS
compliant
Distributed power architecture
Servers/workstations
Local microprocessor core power supplies
DSP and I/O power supplies
Battery-powered applications
Telecommunications equipment
Data processing applications
The SC4609 is a voltage mode step down (buck) regula-
tor controller that provides accurate high efficiency power
conversion from an input supply range of 2.7V to 5.5V. A
high level of integration reduces external component
count, and makes it suitable for low voltage applications
where cost, size and efficiency are critical. The SC4609
is capable of producing an output voltage as low as 0.5V.
The SC4609 drives external, N-channel MOSFETs with a
peak gate current of 1A. A non-overlap protection is pro-
vided for the gate drive signals to prevent shoot through
of the MOSFET pair. The SC4609 features lossless cur-
rent sensing of the voltage drop across the drain to
source resistance of the high side MOSFET during its
conduction period. Its switching frequency can be pro-
grammed up to 1MHz.
The quiescent supply current in sleep mode is typically
lower than 10µA. A external soft start is provided to pre-
vent output voltage overshoot during start-up.
The SC4609 is an ideal choice for converting 3.3V, 5V or
other low input supply voltages. It’s available in 12 pin
MLP package.
R3
C3
4.7u
C2 2.2n
R1
14.3k
C1
180p
D2
L1
1.8u
C5
22u
C4
22u
Vout=1.5V (as low as 0.5V*) / 12A
C17
1u
M11
C10
220u
M2
C9
4.7n
R8
200
R7
10k
R9
4.99k
Vin=2.7V - 5.5V
R6
1
R5
1
C16
560pF
VCC
1
ISET
2
COMP
3
FSET
4
BST
12
DRVH
11
DRVL
9
AGND
7
PGND
8
PHASE
10
SS
6
VSENSE
5
U1
SC4609
C6
330u
C13
22u
C14
22u
R13
1
Css
22u
*External components can be modified to provide a Vout as low as 0.5V
R3
C3
4.7u
C2 2.2n
R1
14.3k
C1
180p
D2
L1
1.8u
C5
22u
C4
22u
Vout=1.5V (as low as 0.5V*) / 12A
C17
1u
M11
C10
220u
M2
C9
4.7n
R8
200
R7
10k
R9
4.99k
Vin=2.7V - 5.5V
R6
1
R5
1
C16
560pF
VCC
1
ISET
2
COMP
3
FSET
4
BST
12
DRVH
11
DRVL
9
AGND
7
PGND
8
PHASE
10
SS
6
VSENSE
5
U1
SC4609
C6
330u
C13
22u
C14
22u
R13
1
Css
22u
*External components can be modified to provide a Vout as low as 0.5V


Similar Part No. - SC4609

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4601 SEMTECH-SC4601 Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4601EVB SEMTECH-SC4601EVB Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4601IMSTR SEMTECH-SC4601IMSTR Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4601IMSTRT SEMTECH-SC4601IMSTRT Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
High Efficiency Synchronous, Step Down Controller
More results

Similar Description - SC4609

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4607 SEMTECH-SC4607 Datasheet
318Kb / 17P
Very Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4603 SEMTECH-SC4603 Datasheet
317Kb / 16P
Very Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4608 SEMTECH-SC4608 Datasheet
361Kb / 19P
Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4603 SEMTECH-SC4603_08 Datasheet
325Kb / 16P
Very Low Input, MHz Operation,High Efficiency Synchronous Buck
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
High-Efficiency Synchronous Buck Controller
logo
Texas Instruments
TPS40007DGQRG4 TI1-TPS40007DGQRG4 Datasheet
858Kb / 28P
LOW-INPUT HIGH-EFFICIENCY SYNCHRNOUS BUCK CONTROLLER
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
Bel Fuse Inc.
YEV09T03 BEL-YEV09T03 Datasheet
574Kb / 10P
High efficiency synchronous buck topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com