Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS3015SSS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMS3015SSS
Description  N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS3015SSS Datasheet(HTML) 3 Page - Diodes Incorporated

  DMS3015SSS Datasheet HTML 1Page - Diodes Incorporated DMS3015SSS Datasheet HTML 2Page - Diodes Incorporated DMS3015SSS Datasheet HTML 3Page - Diodes Incorporated DMS3015SSS Datasheet HTML 4Page - Diodes Incorporated DMS3015SSS Datasheet HTML 5Page - Diodes Incorporated DMS3015SSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMS3015SSS
Document number: DS32096 Rev. 4 - 2
3 of 6
www.diodes.com
September 2010
© Diodes Incorporated
DMS3015SSS
0
5
10
15
20
25
30
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
I , D RAIN -SOURCE CURRENT (A)
D
0
0.002
0.004
0.006
0.008
0.010
0.012
0.014
0.016
0.018
0.020
V
= 4.5V
GS
V
= 10V
GS
0
0.002
0.004
0.006
0.008
0.010
0.012
0.014
0.016
0.018
0.020
0
5
10
15
20
25
30
I , DRAIN CU RREN T (A)
Fig. 4 Typical Drain-Source On-Resistance
vs. Drain Current and Temperature
D
V= 4.5V
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.5
0.7
0.9
1.1
1.3
1.5
1.7
Fig. 5 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATU RE (°C)
J
V
= 10V
I
= 10A
GS
D
V
= 4.5V
I
= 5A
GS
D
0
0.002
0.004
0.006
0.008
0.010
0.012
0.014
0.016
0.018
0.020
Fig. 6 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATUR E (°C)
J
V
= 10V
I
= 10A
GS
D
V
= 4.5V
I
= 5A
GS
D
0.5
1.0
1.5
2.0
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
-50
-25
0
25
50
75
100
125
T , AMBIENT TEMPERATU RE (°C)
A
I
= 1mA
D
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 8 Diode Forward Voltage vs. C urrent
0
5
10
15
20
25
30
T = 25°C
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com