Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS3015SSS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMS3015SSS
Description  N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS3015SSS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMS3015SSS Datasheet HTML 1Page - Diodes Incorporated DMS3015SSS Datasheet HTML 2Page - Diodes Incorporated DMS3015SSS Datasheet HTML 3Page - Diodes Incorporated DMS3015SSS Datasheet HTML 4Page - Diodes Incorporated DMS3015SSS Datasheet HTML 5Page - Diodes Incorporated DMS3015SSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMS3015SSS
Document number: DS32096 Rev. 4 - 2
4 of 6
www.diodes.com
September 2010
© Diodes Incorporated
DMS3015SSS
0
5
10
15
20
25
30
Fig. 9 Typical C apacitance
V
, DRAIN -SOURCE VOLTAGE (V)
DS
10
100
1,000
10,000
f = 1MHz
C
iss
Coss
Crss
0
5
10
15
20
25
30
Fig. 10 Typical Drain-Source Leakage Current
vs. Drain-Source Voltage
V
, DRAIN -SOURCE VOLTAGE (V)
DS
1
10
100
1,000
10,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
5
10
15
20
25
30
35
Q ,
OTAL GATE CHARGE (nC)
Fig. 11 Gate-Source Voltage vs. Total Gate C harge
g T
0
2
4
6
8
10
V
= 15V
I
= 8.8A
DS
D
Fig. 12 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.0001
0.001
0.01
0.1
1
10
100
1,000
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) *
θJA
R
R
= 68°C/W
θ
θ
JA
JA
P(pk)
t1
t
2
D = 0.7
D = 0.5
D = 0.3
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com