Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5421 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5421
Description  16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5421 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5421 Datasheet HTML 6Page - Analog Devices AD5421 Datasheet HTML 7Page - Analog Devices AD5421 Datasheet HTML 8Page - Analog Devices AD5421 Datasheet HTML 9Page - Analog Devices AD5421 Datasheet HTML 10Page - Analog Devices AD5421 Datasheet HTML 11Page - Analog Devices AD5421 Datasheet HTML 12Page - Analog Devices AD5421 Datasheet HTML 13Page - Analog Devices AD5421 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SDO
SCLK
SYNC
FAULT
LDAC
SDIN
IODVDD
REGIN
DRIVE
VLOOP
REXT1
REXT2
LOOP-
DVDD
ALARM CURRENT DIRECTION
RINT/REXT
COM
COM
RANGE 1
RANGE 0
CIN
REFOUT1
REFOUT2
REG_SEL1
REG_SEL2
REG_SEL0
REFIN
REGOUT
TOP VIEW
(Not to Scale)
AD5421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com