Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5421 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5421
Description  16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5421 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5421 Datasheet HTML 14Page - Analog Devices AD5421 Datasheet HTML 15Page - Analog Devices AD5421 Datasheet HTML 16Page - Analog Devices AD5421 Datasheet HTML 17Page - Analog Devices AD5421 Datasheet HTML 18Page - Analog Devices AD5421 Datasheet HTML 19Page - Analog Devices AD5421 Datasheet HTML 20Page - Analog Devices AD5421 Datasheet HTML 21Page - Analog Devices AD5421 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
LOOP -
SYNC
SCLK
SDIN
SDO
COM
REFOUT1 REFIN
ALARM CURRENT
DIRECTION
LDAC
FAULT
DVDD
CIN
DRIVE
RANGE 1
REXT1
REGOUT
AD5421
VLOOP
RL
R1
24-Bit
S-D ADC
SENSOR
2.5V
HART_OUT
HART_IN
GND
TXD
RXD
RTS
CD
VCC
HARTMODEM
ADuC7060
REXT2
RINT/REXT
VLOOP
RANGE 0
REGIN
IODVDD
DGND
REFOUT2
Sets Regulator
Voltage
Optional
Resistor
T1
Optional
Mosfet
DN2540
BSP129
0.1µF
0.1µF
0.1µF
0.1µF
2µF
4.7nF
16nF
200k
1M
19M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com