Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5755 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5755
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5755 Datasheet HTML 9Page - Analog Devices AD5755 Datasheet HTML 10Page - Analog Devices AD5755 Datasheet HTML 11Page - Analog Devices AD5755 Datasheet HTML 12Page - Analog Devices AD5755 Datasheet HTML 13Page - Analog Devices AD5755 Datasheet HTML 14Page - Analog Devices AD5755 Datasheet HTML 15Page - Analog Devices AD5755 Datasheet HTML 16Page - Analog Devices AD5755 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Preliminary Technical Data
AD5755/AD5735
Rev. PrG | Page 13 of 34
Pin No. Mnemonic
Description
more information. When CLEAR is active, the DAC register cannot be written to.
15
ALERT
Active High Output. This pin is asserted when there has been no SPI activity on the interface pins for a
predetermined time. See features section for more information.
16
FAULT
Active Low Output. This pin is asserted low when an open circuit in current mode is detected or a short
circuit in voltage mode is detected or a PEC error is detected or an over temperature is detected (see
Features section). Open Drain Output.
17
POC
Power- On Condition. This pin determines the Power on Condition. If POC=’0’, the device is powered up
with the voltage and current channels in Tri-State mode. If POC=’1’, the device is powered up with a 30k Ω
pull down resistor to GND on the voltage output channel, and the current channels in Tri-State mode.
18
RESET
Hardware Reset. Active Low Input.
19
AVDD
Positive Analog Supply Pin. Voltage ranges from 10.8 V to 33 V.
20
COMPLV_A
Optional compensation capacitor connection for VOUT_A‘s output buffer. Connecting a 220 pF capacitor
between this pin and the VOUT_A pin allows the voltage output to drive up to 1 µF. It should be noted that
the addition of this capacitor reduces the bandwidth of the output amplifier, increasing the settling time.
21
−VSENSE_A
Sense connection for the negative voltage output load connection for VOUT_A. This pin must stay within
±3.0 V of ground for correct operation.
22
+VSENSE_A
Sense connection for the positive voltage output load connection for VOUT_A. This pin must stay within ±3.0
V of VOUT_A for correct operation.
23
COMPDCDC_A
DC-DC Compensation Capacitor. Connect a 10 nF capacitor from this pin to ground. Used to regulate the
feedback loop of channel A’s DC-DC converter.
24
VBOOST_A
Supply for channel A’s current output stage (See Figure 15). This is also the supply for the VOUT stage, which
is regulated to 15V by the DC-DC. To use the DC-DC feature of the device, connect as shown in Figure 20.
25
VOUT_A
Buffered Analog Output Voltage for DAC Channel A.
26
IOUT_A
Current Output Pin for DAC Channel A.
27
AVSS
Negative Analog Supply Pin. Voltage ranges from -10.8 V to -26.4 V.
28
COMPLV_B
Optional compensation capacitor connection for VOUT_B‘s output buffer. Connecting a 220 pF capacitor
between this pin and the VOUT_B pin allows the voltage output to drive up to1 µF. It should be noted that
the addition of this capacitor reduces the bandwidth of the output amplifier, increasing the settling time.
29
−VSENSE_B
Sense connection for the negative voltage output load connection for VOUT_B. This pin must stay within
±3.0 V of ground for correct operation.
30
+VSENSE_B
Sense connection for the positive voltage output load connection for VOUT_B. This pin must stay within ±3.0
V of VOUT_B for correct operation.
31
VOUT_B
Buffered Analog Output Voltage for DAC Channel B.
32
COMPDCDC_B
DC-DC Compensation Capacitor. Connect a 10 nF capacitor from this pin to ground. Used to regulate the
feedback loop of channel B’s DC-DC converter.
33
IOUT_B
Current Output Pin for DAC Channel B.
34
VBOOST_B
Supply for channel B’s current output stage (See Figure 15). This is also the supply for the VOUT stage, which
is regulated to 15V by the DC-DC. To use the DC-DC feature of the device, connect as shown in Figure 20.
35
AGND
Ground Reference Point for Analog Circuitry. This must be connected to 0 V.
36
SW_B
Switching output for Channel B’s DC-DC circuitry. To use the DC-DC feature of the device, connect as
shown in Figure 20.
37
GNDSW_B
Ground connection for DC-DC switching circuit. This pin should always be connected to GND.
38
GNDSW_A
Ground connection for DC-DC switching circuit. This pin should always be connected to GND.
39
SW_A
Switching output for Channel A’s DC-DC circuitry. To use the DC-DC feature of the device, connect as
shown in Figure 20.
40
AVSS
Negative Analog Supply Pin. Voltage ranges from -10.8 V to -26.4 V.
41
SW_D
Switching output for Channel D’s DC-DC circuitry. To use the DC-DC feature of the device, connect as
shown in Figure 20.
42
GNDSW_D
Ground connections for DC-DC switching circuit. This pin should always be connected to GND.
43
GNDSW_C
Ground connections for DC-DC switching circuit. This pin should always be connected to GND.
44
SW_C
Switching output for Channel C’s DC-DC circuitry. To use the DC-DC feature of the device, connect as
shown in Figure 20.
45
AVCC
Supply for DC-DC circuitry.
46
VBOOST_C
Supply for channel C’s current output stage (See Figure 15). This is also the supply for the VOUT stage, which



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com