Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5755 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5755
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5755 Datasheet HTML 17Page - Analog Devices AD5755 Datasheet HTML 18Page - Analog Devices AD5755 Datasheet HTML 19Page - Analog Devices AD5755 Datasheet HTML 20Page - Analog Devices AD5755 Datasheet HTML 21Page - Analog Devices AD5755 Datasheet HTML 22Page - Analog Devices AD5755 Datasheet HTML 23Page - Analog Devices AD5755 Datasheet HTML 24Page - Analog Devices AD5755 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Preliminary Technical Data
AD5755/AD5735
Rev. PrG | Page 21 of 34
GAIN REGISTER
The Gain Register stores the Gain Code (M) which is used in the DAC transfer function to calculated the overall DAC input code (see
formula below). The Gain Register is addressed by setting DREG bits to ‘0,1,0’. The DAC address bits select which DAC channel the gain
write is addressed to. It is possible to write the same gain code to all 4 DAC channels at the same time by setting the DREG bits to 011.
The AD5755/AD5735 Gain Register is a 16/12 bit register (bits G15.. G0/G3) and allows the user to adjust the gain of each channel in
steps of 1 LSB as shown in the Table below. For the AD5735, the last 4 bits should be set to 1. The Gain Register coding is straight binary.
In theory the gain can be tuned across the full range of the output. In practice, the maximum recommended gain trim is about 50% of
programmed range in order to maintain accuracy.
Table 13. Programming the AD5755 Gain Register
R/W DUT_
AD1
DUT_
AD0
DREG2 DREG1 DREG0 DAC_
AD1
DAC_
AD0
D15-D0
0
DEVICE ADDRESS
010
DAC Channel Address G15 to G0
Table 14. Programming the AD5735 Gain Register
R/W DUT_
AD1
DUT_
AD0
DREG2 DREG1 DREG0 DAC_
AD1
DAC_
AD0
D15-D4
D3 D2 D1 D0
0
DEVICE ADDRESS
010
DAC Channel Address G15 to G4 1
1
1
1
Table 15. AD5755 Gain Register
Gain Adjustment
G15
G14
G13
G12 to G4
G3
G2
G1
G0
+65535 LSBs
1
1
1
1
1
1
1
1
+65534 LSBs
1
1
1
1
1
1
0
0
-
-
-
-
-
-
-
-
1 LSBs
0
0
0
0
0
0
0
1
0 LSBs
0
0
0
0
0
0
0
0
Table 16. AD5735 Gain Register
Gain Adjustment
G15
G14
G13 to G5
G4
G3
G2
G1
G0
+8192 LSBs
1
1
1
1
X
X
X
X
+8191 LSBs
1
1
1
0
X
X
X
X
-
-
-
-
X
X
X
X
1 LSBs
0
0
0
1
X
X
X
X
0 LSBs
0
0
0
0
X
X
X
X
OFFSET REGISTER
The Offset Register is addressed by setting the DREG BITS to DREG2 =1 DREG1=0, DREG0=0. The DAC address bits select with which
DAC channel the offset write is addressed to. It is possible to write the same offset code to all 4 DAC channels at the same time by setting
the DREG bits to 101. The AD5755/AD5735 offset code is 16/12 bit (bits OF15.. OF0/OF3) and allows the user to adjust the offset of
each channel by −32768/8192 LSBs to +32767/8191 LSBs in steps of 1 LSB as shown in the Table below. For the AD5735, the last 4 bits are
ignored and should be set to zero. The Offset Register coding is straight binary. The default code in the Offset Register is 0x8000/0x800.
This will result in zero offset programmed to the output.
Table 17. Programming the AD5755 Offset Register
R/W DUT_
AD1
DUT_
AD0
DREG2
DREG1
DREG0
DAC_
AD1
DAC_
AD0
D15 to D0
0
DEVICE ADDRESS 100
DAC Channel Address OF15 to OF0
Table 18. Programming the AD5735 Offset Register
R/W DUT_
AD1
DUT_
AD0
DREG2
DREG1
DREG0
DAC_
AD1
DAC_
AD0
D15 to D4
D3
D2
D1
D0
0
DEVICE ADDRESS 100
DAC Channel Address OF15 to OF4 0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com