Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8217BRMZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8217BRMZ-R7
Description  High Resolution, Zero-Drift Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8217BRMZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8217BRMZ-R7 Datasheet HTML 2Page - Analog Devices AD8217BRMZ-R7 Datasheet HTML 3Page - Analog Devices AD8217BRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8217BRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8217BRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8217BRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8217BRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8217BRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8217BRMZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8217
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
24
26
28
30
32
34
36
38
40
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 3. Typical Input Offset vs. Temperature
50
60
70
80
90
100
110
120
130
140
100
1000
10k
100k
1M
FREQUENCY (Hz)
–40°C
+25°C
+125°C
Figure 4. Typical CMRR vs. Frequency
100
150
200
250
300
350
400
450
500
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 5. Typical Gain Error vs. Temperature
0
3
6
9
12
15
18
21
24
27
30
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 6. Typical Small-Signal Bandwidth (VOUT = 200 mV p-p)
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
DIFFERENTIAL INPUT (mV)
Figure 7. Total Output Error vs. Differential Input Voltage
0
100
200
300
400
500
600
700
800
0
5
10 15 20 25 30 35 40 45 50 55 60 65 70 75 80
INPUT COMMON-MODE VOLTAGE (V)
+IN
–IN
Figure 8. Input Bias Current vs. Input Common-Mode Voltage
(Differential Input Voltage = 5 mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com