Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8217BRMZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8217BRMZ-R7
Description  High Resolution, Zero-Drift Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8217BRMZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8217BRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8217BRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8217BRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8217BRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8217BRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8217BRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8217BRMZ-R7 Datasheet HTML 10Page - Analog Devices AD8217BRMZ-R7 Datasheet HTML 11Page - Analog Devices AD8217BRMZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8217
Rev. 0 | Page 8 of 16
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
–40 –30 –20 –10
0
10 20 30 40 50 60 70 80 90 100 110 120
TEMPERATURE (°C)
Figure 15. Maximum Output Sink Current vs. Temperature
5.0
5.5
4.0
4.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
TEMPERATURE (°C)
Figure 16. Maximum Output Source Current vs. Temperature
4.900
4.910
4.920
4.930
4.940
4.950
4.960
4.970
4.980
4.990
5.000
5.010
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT SOURCE CURRENT (mA)
Figure 17. Output Voltage Range vs. Output Source Current
0
50
100
150
200
250
0
0.51.01.5
2.02.5
3.03.54.04.55.0
OUTPUT SINK CURRENT (mA)
Figure 18. Output Voltage Range From GND vs. Output Sink Current
INPUT
OUTPUT
50V/DIV
1V/DIV
500ns/DIV
Figure 19. Common-Mode Step Response, Rising
INPUT
OUTPUT
50V/DIV
1V/DIV
1µs/DIV
Figure 20. Common-Mode Step Response (Falling)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com