Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9650 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9650
Description  16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9650 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9650 Datasheet HTML 17Page - Analog Devices AD9650 Datasheet HTML 18Page - Analog Devices AD9650 Datasheet HTML 19Page - Analog Devices AD9650 Datasheet HTML 20Page - Analog Devices AD9650 Datasheet HTML 21Page - Analog Devices AD9650 Datasheet HTML 22Page - Analog Devices AD9650 Datasheet HTML 23Page - Analog Devices AD9650 Datasheet HTML 24Page - Analog Devices AD9650 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
AD9650
Rev. 0 | Page 21 of 44
AD9650-80
0
–140
–120
–100
–80
–60
–40
–20
0
5
10
15
20
25
35
30
40
FREQUENCY (MHz)
80MSPS
9.7MHz @ –1dBFS
SNR = 82.2dB (83.2dBFS)
SFDR = 95.8dBc
Figure 35. AD9650-80 Single-Tone FFT with fIN = 9.7 MHz
0
–140
–120
–100
–80
–60
–40
–20
0
5
10
15
20
25
35
30
40
FREQUENCY (MHz)
80MSPS
30.3MHz @ –1dBFS
SNR = 81.8dB (82.8dBFS)
SFDR = 94.5dBc
Figure 36. AD9650-80 Single-Tone FFT with fIN = 30.3 MHz
0
–140
–120
–100
–80
–60
–40
–20
0
5
10
15
20
25
35
30
40
FREQUENCY (MHz)
80MSPS
70.1MHz @ –1dBFS
SNR = 80dB (81dBFS)
SFDR = 86.4dBc
Figure 37. AD9650-80 Single-Tone FFT with fIN = 70.1 MHz
0
–140
–120
–100
–80
–60
–40
–20
0
5
10
15
20
25
35
30
40
FREQUENCY (MHz)
80MSPS
141MHz @ –1dBFS
SNR = 79.3dB (80.3dBFS)
SFDR = 79.2dBc
Figure 38. AD9650-80 Single-Tone FFT with fIN = 141 MHz
0
–140
–120
–100
–80
–60
–40
–20
0
5
10
15
20
25
35
30
40
FREQUENCY (MHz)
80MSPS
30.3MHz @ –6dBFS
SNR = 77.3dB (83.3dBFS)
SFDR = 94.3dBc
Figure 39. AD9650-80 Single-Tone FFT with fIN = 30.3 MHz at −6 dBFS with
Dither Disabled
0
–140
–120
–100
–80
–60
–40
–20
0
5
10
15
20
25
35
30
40
FREQUENCY (MHz)
80MSPS
30.3MHz @ –6dBFS
SNR = 77dB (83dBFS)
SFDR = 98.4dBc
Figure 40. AD9650-80 Single-Tone FFT with fIN = 30.3 MHz at −6 dBFS with
Dither Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com