Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7242BCPZ Datasheet(PDF) 59 Page - Analog Devices

Part # ADF7242BCPZ
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242BCPZ Datasheet(HTML) 59 Page - Analog Devices

Back Button ADF7242BCPZ Datasheet HTML 55Page - Analog Devices ADF7242BCPZ Datasheet HTML 56Page - Analog Devices ADF7242BCPZ Datasheet HTML 57Page - Analog Devices ADF7242BCPZ Datasheet HTML 58Page - Analog Devices ADF7242BCPZ Datasheet HTML 59Page - Analog Devices ADF7242BCPZ Datasheet HTML 60Page - Analog Devices ADF7242BCPZ Datasheet HTML 61Page - Analog Devices ADF7242BCPZ Datasheet HTML 62Page - Analog Devices ADF7242BCPZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 108 page
background image
ADF7242
Rev. 0 | Page 59 of 108
Automatic Frequency Correction (AFC)
A shown in Figure 93, the ADF7242 is equipped with a fully
automatic real-time AFC function. It is used to maintain an
optimal link budget in the presence of frequency errors between
the local oscillators of the receiver and transmitter. AFC is sup-
ported in GFSK/FSK mode only.
When AFC is enabled, an internal control loop automatically
monitors the frequency error during the preamble sequence of
the packet and adjusts the synthesizer LO using an internal
proportional integral (PI) control loop. The AFC frequency
error measurement bandwidth is targeted specifically at the
packet preamble sequence (dc free). When preamble is detected,
the AFC is locked by the radio controller. AFC lock is released if
the sync word is not detected immediately after the end of
preamble. This can be due to false lock, poor quality preamble,
and/or sync word. If the qualified preamble is followed by a
qualified sync word, the AFC lock is maintained for the
duration of the packet.
Setting Register afc_cfg, Field afc_mode = 3 (0x3F7[1:0]) enables
AFC operation with automatic preamble locking, which is the
recommended setting. The frequency error readback word in
Register afc_read, Field afc_freq_error (0x3FA[7:0]) is conti-
nuously updated until the AFC is locked. The frequency correction
is maintained if the ADF7242 transitions to another state (such
as TX). It is overwritten with a new frequency correction value
when the receiver next detects valid preamble, or it can be cleared
by setting Register afc_range, Field max_afc_range = 0 and
Register afc_cfg, Field afc_mode = 2.
The recommended settings for the AFC control loop parameters
are Register afc_ki_kp, Field afc_ki = 9 and Register afc_ki_kp,
Field afc_kp = 9. An example of AFC performance for a
selection of data rates is given in Table 31.
The maximum AFC correction range is set by Register afc_range,
Field max_afc_range. It has a resolution of 1 kHz. This setting
helps prevent the AFC loop from attempting to acquire signals
outside the frequency range of interest. The AFC detects and
corrects frequency errors up to ±max_afc_range from the pro-
grammed channel frequency. The nominal channel frequency is set
by the frequency control word, ch_freq[23:0]. The max_afc_range
value is generally set to less than half the bandwidth of the
baseband filter.
Postdemodulator Filter
The digital post demodulator filter, shown in Figure 93,
removes excess noise from the demodulator output. Its
bandwidth is programmable with Register dm_cfg1, Field
postdemod_bw (0x38B[7:0]) and should be optimized for the
data rate used. If the bandwidth is set too narrow, performance
degrades due to intersymbol interference. If the bandwidth is
set too wide, performance degrades due to excess noise. For
optimum performance, the post demodulator filter bandwidth
should be set to 0.75 × data rate. The following formula can be used
to determine the appropriate register setting:
postdemod_bw = roundoff(17 × 10−5 × (0.75 ×
data rate[bps]) − 4 × 10−11(0.75 × data rate[bps])2)
Refer to the Device Configuration section for recommended
postdemodulator filter settings and for example data rates.
Clock and Data Recovery (CDR)
An oversampled digital clock and data recovery (CDR) PLL is
used to resynchronize the received bit stream to a local clock in all
modulation modes. The data rate of the CDR is set by Register
dr0, Field data_rate_high (0x30E[7:0]) and Register dr1, Field
data_rate_low (0x30F[7:0]).
The maximum data rate tolerance of the CDR PLL is deter-
mined by the number of bit transitions in the transmitted
packet. For example, if using GFSK/FSK with a 101010…
preamble, a maximum tolerance of ±3.0% of the data rate is
achieved.
This tolerance is reduced during the recovery of the remainder
of the packet where data transitions may not occur on regular
intervals.
However, it is possible to tolerate uncoded payload data fields
and payload data fields with long run length coding constraints
if the data rate tolerance and packet length are both con-
strained. More details of CDR operation using uncoded packet
formats are described in the AN-915 Application Note.
The CDR is designed for fast acquisition of the recovered symbols
during the preamble and typically achieves bit synchronization
within five symbol transitions of preamble.
Table 31. Example AFC Performance
Parameter
2000 kbps, fDEV = ±500 kHz
500 kbps, fDEV = ±250 kHz
Preamble Length
11 bytes
7 bytes
Frequency Error Tolerance with AFC
±165 kHz
±190 kHz
Maximum AFC Correction Range
±80 kHz
±80 kHz
Frequency Error Tolerance Without AFC
±55 kHz
±90 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com