Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7242BCPZ Datasheet(PDF) 63 Page - Analog Devices

Part # ADF7242BCPZ
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242BCPZ Datasheet(HTML) 63 Page - Analog Devices

Back Button ADF7242BCPZ Datasheet HTML 59Page - Analog Devices ADF7242BCPZ Datasheet HTML 60Page - Analog Devices ADF7242BCPZ Datasheet HTML 61Page - Analog Devices ADF7242BCPZ Datasheet HTML 62Page - Analog Devices ADF7242BCPZ Datasheet HTML 63Page - Analog Devices ADF7242BCPZ Datasheet HTML 64Page - Analog Devices ADF7242BCPZ Datasheet HTML 65Page - Analog Devices ADF7242BCPZ Datasheet HTML 66Page - Analog Devices ADF7242BCPZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 108 page
background image
ADF7242
Rev. 0 | Page 63 of 108
SPORT INTERFACE
The SPORT interface is a high speed synchronous serial interface
suitable for interfacing to a wide variety of MCUs and DSPs,
without the use of glue logic. These include, among others, the
ADSP-21xx, SHARC, TigerSHARC and Blackfin DSPs. Figure 116
and Figure 117 show typical application diagrams using one of
the available SPORT modes. The interface uses four signals, a clock
output (TRCLK_CKO_GP3), a receive data output (DR_GP0),
a transmit data input (DT_GP1), and a framing signal output
(IRQ2_TRFS_GP2). The IRQ2 output functionality is not
available while the SPORT interface is enabled. The SPORT
interface supports GFSK/FSK and IEEE 802.15.4 receive and
transmit operations. When using GFSK/FSK mode, the polarity of
the receive/transmit clock appearing on the TRCLK_CKO_GP3
output is programmable. A detailed overview of the function of
the interface pins for each GFSK/FSK mode SPORT configuration
is listed in Table 33. The corresponding list for IEEE 802.15.4
mode is listed in Table 34. It is possible to use the SPORT
interface for transmitting IEEE 802.15.4 frames by configuring
the ADF7242 in 2 Mbps FSK mode (see Device Configuration
section) and performing the symbol chipping operation
externally.
GFSK/FSK SPORT MODE
GFSK/FSK SPORT Mode Transmit Operation
Figure 97 illustrates the operation of the SPORT interface in the
TX state. The SPORT interface is enabled by setting Register
gp_cfg, Bit gpio_config = 1 or Bit gpio_config = 4 (0x32C[7:0])
depending on the desired clock polarity. When enabled, the
data input of the transmitter is fully controlled by the SPORT
interface. The transmit clock appears when the transmit MAC
delay (tx_max_delay) has elapsed. The ADF7242 keeps transmit-
ting the serial data presented at the DT_GP1 input until the TX
state is exited by means of a command, for example, the RC_
PHY_RDY command. A timing diagram GFSK/FSK transmit
SPORT mode is provided in Figure 13.
GFSK/FSK SPORT Mode Receive Operation
The SPORT interface supports GFSK/FSK receive operation
with a number of modes to suit particular signaling require-
ments, as shown in Figure 98. For GFSK/FSK receive SPORT
operation, set Register rc_cfg, Field rc_mode = 3 (0x13E[7:0]).
This disables any packet-level processing by the packet
manager. The operating mode of the SPORT interface can be
configured through Register gp_cfg, Bit gpio_config
(0x32C[7:0]). Table 33 shows an overview of all available
configurations. The SPORT mode configurations gpio_config =
2, 3, 5, and 6 in Register gp_cfg provide synchronization with a
programmable SWD. For these modes, the synchronization
block must be configured with appropriate register writes as
outlined in the GFSK/FSK Packet Mode Reception section,
prior to issuing the RC_RX command.
When in SPORT mode, received data continues to appear on
the interface pins until the RC_RX command is reissued or the
RX state is exited by means of an appropriate SPI command.
The following SPORT operating modes can be selected.
Register gp_cfg, Field gpio_config = 1 or
Field gpio_config = 4
The data clock is enabled at the TRCLK_CKO_GP3 output
together with the received data at the DR_GP0 output during
the receiver MAC delay. The GFSK/FSK SWD is ignored in this
configuration. The IRQ2_TRFS_GP2 output has no function.
Figure 10 illustrates further timing details.
Register gp_cfg, Field gpio_config = 2 or
Field gpio_config = 5
When a preamble signal has been detected, the data clock and
data signals start to appear at the TRCLK_CKO_GP3 and
DR_GP0 output, respectively. The IRQ2_TRFS_GP2 output
goes HIGH when the sync word has been detected in the
received GFSK/FSK bit stream. Figure 11 shows more timing
details.
Register gp_cfg, Field gpio_config = 3 or
Field gpio_config = 6
The data clock starts to appear at the TRCLK_CKO_GP3 output
when a valid preamble and the SWD have both been detected in
the received GFSK/FSK bit stream. The first active clock edge
corresponds with the first data bit following the GFSK/FSK
SWD appearing on the DR_GP0 output. The framing signal
IRQ2_TRFS_GP2 goes high when the SWD has been detected
in the received bit sequence. The DR_GP0 output signal should
be ignored prior to the first active clock edge appearing on the
TRCLK_CKO_GP3 output. Figure 12 illustrates the applicable
timing details.
SWD and Preamble in GFSK/FSK SPORT Mode
To configure GFSK/FSK SPORT mode, set Register rc_cfg, Field
rc_mode = 3 (0x13E[7:0]). The preamble length requirements
and tolerance options described in the GFSK/FSK Packet Mode
section also apply for SPORT mode. The ADF7242 can also
support automatic detection of a SWD in SPORT mode. The
ADF7242 SWD detection algorithm as described in the
GFSK/FSK Packet Mode Reception section applies. There are a
number of clock and data gating options available. Options
include gating received data on preamble, or SWD detection.
Refer to Table 33 for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com