Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5534 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5534
Description  UHF to S Band Low-Noise Amplifier, OSC Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5534 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5534 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5534 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5534 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5534 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5534 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC5534
No.6258–2/5
2
4
6
8
10
12
14
16
0
10
12
14
16
8
6
4
2
0
f=1GHz
f=2GHz
Cre -- VCB
Cob -- VCB
100
1000
7
5
3
2
7
5
3
2
10
1.0
10
7
5
3
2
7
5
3
2
0.1
1.0
10
7
5
3
2
7
5
3
2
0.1
10
100
7
5
3
2
7
5
3
2
1.0
1.0
0.1
2
3
57
2
3
57
2
3
57
10
100
1.0
0.1
2
3
57
2
3
57
2
3
57
10
100
1.0
0.1
23
5
7
2
3
5
7
2
3
5 7
10
100
1.0
0.1
2
3
57
2
3
57
2
3
57
10
100
1.0
0.1
2
3
5
7
23
5
7
23
5
7
10
100
1.0
0.1
23
5 7
23
5 7
23
5 7
10
100
1.0
0.1
23
5 7
23
5 7
23
5 7
10
100
hFE -- IC
VCE=5V
f=1MHz
f=1MHz
f T -- IC
VCE=5V
5V
1V
0
1
2
3
4
5
6
NF -- IC
IT00579
IT00580
IT00581
IT00582
IT00583
IT00585
IT00584
120
80
60
100
160
140
40
20
0
0
160
140
120
100
80
60
40
20
PC -- Ta
IT00586
V CE
=5V
1V
f=2GHz
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
S21e2 -- IC
Collector Current, IC –mA
Collector Current, IC –mA
Collector Current, IC –mA
S21e2 -- IC
Collector Current, IC –mA
NF -- IC
Collector Current, IC –mA
Ambient Temperature, Ta –
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com