Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5534 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5534
Description  UHF to S Band Low-Noise Amplifier, OSC Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5534 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5534 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5534 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5534 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5534 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5534 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5534
No.6258–3/5
S Parameters (Common emitter)
VCE=1V, IC=1mA, ZO=50Ω
VCE=1V, IC=3mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
12
7
9
.
06
.
7
–4
4
4
.
26
.
0
7
15
2
0
.
08
.
3
84
9
9
.
05
.
5
–
0
0
21
6
9
.
06
.
4
1
–8
9
9
.
17
.
2
6
10
5
0
.
04
.
7
71
8
9
.
02
.
1
1
–
0
0
49
3
9
.
03
.
8
2
–3
2
3
.
28
.
6
4
16
9
0
.
07
.
5
65
5
9
.
00
.
1
2
–
0
0
64
9
8
.
08
.
2
4
–5
2
3
.
22
.
3
3
12
3
1
.
09
.
6
52
0
9
.
08
.
9
2
–
0
0
88
3
8
.
04
.
7
5
–8
3
1
.
27
.
1
2
11
6
1
.
05
.
6
45
3
8
.
00
.
0
4
–
0
0
0
12
2
8
.
00
.
7
6
–0
5
0
.
21
.
0
1
10
8
1
.
08
.
9
34
0
8
.
01
.
5
4
–
0
0
2
18
5
7
.
07
.
1
8
–2
6
0
.
28
.
8
98
8
1
.
06
.
1
31
4
7
.
01
.
3
5
–
0
0
4
16
9
6
.
06
.
5
9
–2
9
0
.
21
.
7
82
0
2
.
00
.
7
28
0
7
.
09
.
7
5
–
0
0
6
11
6
6
.
07
.
6
0
1
–9
6
8
.
10
.
9
74
2
2
.
03
.
1
21
1
7
.
00
.
2
6
–
0
0
8
19
1
6
.
07
.
7
1
1
–5
3
8
.
10
.
9
68
1
2
.
00
.
7
15
9
6
.
07
.
5
6
–
0
0
0
23
7
5
.
01
.
0
3
1
–0
2
7
.
14
.
0
60
2
2
.
00
.
4
18
5
6
.
04
.
0
7
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
11
1
9
.
00
.
3
1
–1
0
0
.
74
.
5
6
14
2
0
.
08
.
9
75
7
9
.
08
.
9
–
0
0
20
8
8
.
05
.
4
2
–5
7
2
.
68
.
3
5
16
4
0
.
03
.
1
78
2
9
.
01
.
9
1
–
0
0
41
7
7
.
07
.
9
4
–4
6
6
.
56
.
5
3
11
8
0
.
04
.
7
50
3
8
.
03
.
3
3
–
0
0
64
9
6
.
00
.
9
6
–9
4
3
.
50
.
9
1
11
0
1
.
01
.
9
46
9
6
.
07
.
4
4
–
0
0
85
0
6
.
02
.
9
8
–7
2
9
.
45
.
4
0
17
1
1
.
05
.
2
43
2
6
.
09
.
1
5
–
0
0
0
10
1
5
.
00
.
0
1
1
–4
7
1
.
43
.
4
98
2
1
.
00
.
9
35
7
5
.
08
.
6
5
–
0
0
2
10
7
4
.
08
.
2
2
1
–6
6
7
.
36
.
3
86
3
1
.
01
.
6
39
3
5
.
03
.
1
6
–
0
0
4
11
4
4
.
05
.
2
3
1
–2
4
3
.
36
.
4
73
4
1
.
07
.
4
37
9
4
.
07
.
5
6
–
0
0
6
12
0
4
.
09
.
6
4
1
–0
1
0
.
34
.
7
63
5
1
.
01
.
3
39
6
4
.
02
.
9
6
–
0
0
8
19
6
3
.
06
.
0
6
1
–0
9
6
.
25
.
0
63
6
1
.
04
.
1
32
7
4
.
02
.
2
7
–
0
0
0
28
5
3
.
02
.
9
6
1
–3
9
4
.
20
.
3
51
7
1
.
08
.
1
30
6
4
.
03
.
5
7
–
VCE=1V, IC=5mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
12
5
8
.
04
.
8
1
–6
6
0
.
0
12
.
2
6
14
2
0
.
05
.
8
70
6
9
.
09
.
2
1
–
0
0
21
0
8
.
01
.
4
3
–9
9
3
.
98
.
7
4
13
4
0
.
07
.
7
68
7
8
.
07
.
4
2
–
0
0
47
5
6
.
09
.
6
6
–7
3
2
.
81
.
6
2
11
7
0
.
04
.
4
58
2
7
.
03
.
0
4
–
0
0
67
5
5
.
07
.
0
9
–9
3
8
.
60
.
0
1
16
8
0
.
02
.
8
42
9
5
.
04
.
9
4
–
0
0
86
7
4
.
02
.
2
1
1
–5
3
7
.
52
.
7
90
0
1
.
04
.
4
46
1
5
.
03
.
5
5
–
0
0
0
10
1
4
.
06
.
2
3
1
–2
9
8
.
46
.
5
89
0
1
.
04
.
3
48
6
4
.
03
.
9
5
–
0
0
2
12
8
3
.
05
.
4
4
1
–2
0
2
.
45
.
7
70
2
1
.
09
.
1
46
4
4
.
00
.
3
6
–
0
0
4
10
6
3
.
06
.
5
5
1
–3
2
6
.
30
.
0
70
3
1
.
09
.
0
46
1
4
.
04
.
6
6
–
0
0
6
14
4
3
.
05
.
6
6
1
–4
4
2
.
35
.
3
62
4
1
.
04
.
0
43
0
4
.
04
.
9
6
–
0
0
8
18
2
3
.
07
.
8
7
1
–7
4
9
.
23
.
6
52
5
1
.
05
.
9
31
0
4
.
05
.
2
7
–
0
0
0
20
2
3
.
02
.
2
7
10
7
6
.
20
.
0
55
6
1
.
03
.
8
38
9
3
.
04
.
5
7
–



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com