Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4891-2ARZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4891-2ARZ-R7
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-2ARZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4891-2ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4891-2ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4891-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4891-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4891-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4891-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4891-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4891-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4891-2ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Rev. B | Page 5 of
24
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 1 kΩ to 1.5 V
0.01 to 2.98
V
RL = 150 Ω to 1.5 V
0.07 to 2.87
V
Output Current
1% THD with 1 MHz, VO = 2 V p-p
37
mA
Short-Circuit Current
Sourcing
80
mA
Sinking
163
mA
POWER-DOWN PINS (PD1, PD2, PD3)
ADA4891-3 only
Threshold Voltage, VTH
1.3
V
Bias Current
Part enabled
48
nA
Part powered down
−13
μA
Turn-On Time
Part enabled, output rises to 90% of final value
185
ns
Turn-Off Time
Part powered down, output falls to 10% of final
value
58
ns
POWER SUPPLY
Operating Range
2.7
5.5
V
Quiescent Current per Amplifier
3.5
mA
Supply Current When Powered Down
ADA4891-3 only
0.73
mA
Power Supply Rejection Ratio (PSRR)
Positive PSRR
+VS = 3 V to 3.15 V, −VS = 0 V
76
dB
Negative PSRR
+VS = 3 V, −VS = −0.15 V to 0 V
72
dB
OPERATING TEMPERATURE RANGE
−40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com