Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4891-2ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4891-2ARZ-R7
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-2ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4891-2ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4891-2ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4891-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4891-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4891-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4891-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4891-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4891-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4891-2ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Cost CMOS, High Speed,
Rail-to-Rail Amplifiers
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
High speed and fast settling
−3 dB bandwidth: 220 MHz (G = +1)
Slew rate: 170 V/μs
Settling time to 0.1%: 28 ns
Video specifications (G = +2, RL = 150 Ω)
0.1 dB gain flatness: 25 MHz
Differential gain error: 0.05%
Differential phase error: 0.25°
Single-supply operation
Wide supply range: 2.7 V to 5.5 V
Output swings to within 50 mV of supply rails
Low distortion: 79 dBc SFDR at 1 MHz
Linear output current: 125 mA at −40 dBc
Low power: 4.4 mA per amplifier
APPLICATIONS
Imaging
Consumer video
Active filters
Coaxial cable drivers
Clock buffers
Photodiode preamp
Contact image sensor and buffers
GENERAL DESCRIPTION
The ADA4891-1 (single), ADA4891-2 (dual), ADA4891-3 (triple),
and ADA4891-4 (quad) are CMOS, high speed amplifiers that
offer high performance at a low cost. The amplifiers feature true
single-supply capability, with an input voltage range that extends
300 mV below the negative rail.
In spite of their low cost, the ADA4891 family provides high
performance and versatility. The rail-to-rail output stage enables
the output to swing to within 50 mV of each rail, enabling maxi-
mum dynamic range.
The ADA4891 family of amplifiers is ideal for imaging applica-
tions, such as consumer video, CCD buffers, and contact image
sensor and buffers. Low distortion and fast settling time also
make them ideal for active filter applications.
The ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4 are avail-
able in a wide variety of packages. The ADA4891-1 is available
in 8-lead SOIC and 5-lead SOT-23 packages. The ADA4891-2
is available in 8-lead SOIC and 8-lead MSOP packages. The
ADA4891-3 and ADA4891-4 are available in 14-lead SOIC and
14-lead TSSOP packages. The amplifiers are specified to operate
over the extended temperature range of −40°C to +125°C.
CONNECTION DIAGRAMS
NC 1
–IN 2
+IN 3
–VS 4
NC
8
+VS
7
OUT
6
NC
5
ADA4891-1
NC = NO CONNECT
Figure 1. 8-Lead SOIC_N (R-8)
OUT 1
+IN 3
–VS 2
+VS
5
–IN
4
ADA4891-1
Figure 2. 5-Lead SOT-23 (RJ-5)
ADA4891-2
OUT1 1
–IN1 2
+IN1 3
–VS 4
+VS
8
OUT2
7
–IN2
6
+IN2
5
NC = NO CONNECT
Figure 3. 8-Lead SOIC_N (R-8) and 8-Lead MSOP (RM-8)
PD1 1
OUT2
14
PD2 2
–IN2
13
PD3 3
+IN2
12
+VS 4
–VS
11
+IN1 5
+IN3
10
–IN1 6
–IN3
9
OUT1 7
OUT3
8
ADA4891-3
Figure 4. 14-Lead SOIC_N (R-14) and 14-Lead TSSOP (RU-14)
+VS
+IN2
OUT2
OUT4
+IN4
–VS
+IN3
OUT3
+IN1
OUT1 1
2
3
4
5
6
7
14
13
12
11
10
9
8
–IN1
–IN2
–IN4
–IN3
ADA4891-4
Figure 5. 14-Lead SOIC_N (R-14) and 14-Lead TSSOP (RU-14)


Similar Part No. - ADA4891-2ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4891-2ARZ-R7 AD-ADA4891-2ARZ-R7 Datasheet
417Kb / 20P
Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
REV. A
ADA4891-2ARZ-R7 AD-ADA4891-2ARZ-R7 Datasheet
704Kb / 24P
Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
Rev. F
ADA4891-2ARZ-R7 AD-ADA4891-2ARZ-R7 Datasheet
703Kb / 24P
Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
Rev. F
More results

Similar Description - ADA4891-2ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8051 AD-AD8051 Datasheet
267Kb / 16P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV.B
AD8091 AD-AD8091 Datasheet
229Kb / 16P
Low-Cost, High-Speed Rail-to-Rail Amplifiers
5/02-Data Sheet changed from REV. 0 to REV. A.
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
ADA4891-1ARJZ AD-ADA4891-1ARJZ Datasheet
417Kb / 20P
Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
REV. A
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8092 AD-AD8092_15 Datasheet
548Kb / 21P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
ADA4891-1 AD-ADA4891-1_17 Datasheet
704Kb / 24P
Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com