Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2120ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2120ACPZ-R7
Description  2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2120ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2120ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2120ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2120ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2120ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2120ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2120ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2120ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2120ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2120ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADP2119/ADP2120
Rev. 0 | Page 11 of 24
CH1 500mV CH2 5.00V
CH4 2.00A
M2.0ms
A CH1
480mV
T
3.92ms
1
2
4
T
VOUT
SW
IL
Figure 28. Output Short (ADP2119)
CH1 500mV CH2 5.00V
CH4 2.00A
M2.0ms
A CH1
200mV
T
3.96ms
1
2
4
T
VOUT
SW
IL
Figure 29. Output Short (ADP2120)
CH1 500mV CH2 500mV
M2.0ms
A CH2
730mV
T
44.4%
1
T
TRK
FB
Figure 30. Tracking Function
CH1 500mV CH2 5.00V
CH4 2.00A
M2.0ms
A CH1
560mV
T
–2.08ms
1
2
4
T
VOUT
SW
IL
Figure 31. Output Short Recovery (ADP2119)
CH1 500mV CH2 5.00V
CH4 2.00A
M2.0ms
A CH1
560mV
T
–2.12ms
1
2
4
T
VOUT
SW
IL
Figure 32. Output Short Recovery (ADP2120)
CH1 2.0V
CH2 2.0V
M400ns
A CH1
4.12V
T
0.0s
1
2
SYNC
SW
T
Figure 33. Synchronized to 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com